CW252016-R22J
AI

The **CW252016-R22J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) communication circuits where high precision and stable performance are required.
---
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by manufacturers like **Bourns** or **Pulse Electronics**:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **CW** | Series Type | Chip Wire-wound Inductor |
| **252016** | Case Size | Dimensions: 2.5mm x 2.0mm x 1.6mm (Metric) |
| **R22** | Inductance Value | R denotes decimal: 0.22 µH (or 220 nH) |
| **J** | Tolerance | ±5% |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.22 µH (220 nH) |
| **Tolerance** | ±5% |
| **Q-Factor (Min)** | 25 - 45 (at specified frequency) |
| **SRF (Self Resonant Frequency)** | ~450 MHz to 900 MHz (typical) |
| **DCR (DC Resistance)** | ~0.50 - 0.70 Ohms (Max) |
| **Rated Current** | ~400 mA - 500 mA |
| **Operating Temp** | -40°C to +125°C |
---
### 3. Physical Construction
The "Wire-wound" nature of this part provides several advantages over multilayer ceramic inductors:
* **Core Material:** Usually a ceramic or ferrite core depending on the specific frequency range.
* **Winding:** Fine copper wire is wound around the core, offering higher **Q (Quality Factor)** and lower DC resistance.
* **Termination:** Features solder-plated metal terminals on the ends for SMD mounting.
---
### 4. Common Applications
Due to its high Q-factor and stable inductance, the CW252016-R22J is typically found in:
* **RF Transceivers:** Used in matching networks and filters.
* **Wireless Communication:** WiFi, Bluetooth, and GPS modules.
* **Broadband Equipment:** Cable modems and set-top boxes.
* **VCOs:** Voltage Controlled Oscillators requiring high stability.
---
- ⤷
What is the difference between a wire-wound and a multilayer inductor?
- ⤷ How does the Q-factor affect circuit performance in RF applications?
- ⤷ What are the footprint equivalents for the 252016 metric size in Imperial units?