CW252016-R39G
AI

### Technical Overview of CW252016-R39G
The **CW252016-R39G** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) circuits. It is part of the CW252016 series, where the numbers represent the physical dimensions of the component.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH (390 nH) | Measured at 25 MHz |
| **Tolerance** | ±2% (G) | High precision for tuning |
| **Case Size** | 2520 (Metric) / 1008 (Imperial) | 2.5mm x 2.0mm x 1.6mm |
| **DC Resistance (DCR)** | 0.84 Ω (Max) | Resistance of the wire coil |
| **Rated Current** | 350 mA (Max) | Maximum continuous current |
| **SRF (Min)** | 500 MHz | Self-Resonant Frequency |
| **Q Factor (Min)** | 45 | Quality factor at 25 MHz |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying similar components within the same family:
* **CW**: Series prefix (Ceramic Wire-wound).
* **252016**: Dimensions (L: 2.5mm x W: 2.0mm x H: 1.6mm).
* **R39**: Inductance value (R represents the decimal point; R39 = 0.39 µH).
* **G**: Tolerance code (G = ±2%).
---
### 3. Construction and Features
1. **Wire-Wound Structure:** Unlike multilayer inductors, this part uses a copper wire wound around a ceramic core. This provides significantly higher **Q factors** and lower DC resistance.
2. **Ceramic Core:** Provides excellent thermal stability and high SRF, making it ideal for high-frequency signal processing.
3. **Epoxy Coating:** Usually features a top-side epoxy or resin coating to provide a flat surface for automated Pick-and-Place (SMT) machines.
---
### 4. Common Applications
* **RF Matching Networks:** Used in Bluetooth, Wi-Fi, and GPS modules to match impedance between components.
* **Filters:** Integrated into Band-pass, Low-pass, and High-pass filters.
* **Oscillators:** Provides stable inductance for frequency generation circuits.
* **Telecommunications:** Used in mobile phones, base stations, and satellite equipment.
---
- ⤷What is the significance of the high Q factor in this specific inductor?
- ⤷ How does the SRF limit the operating frequency of the CW252016-R39G?
- ⤷ Are there lower tolerance versions available for this series?