CY22381SI-RBI
AI

The **CY22381SI-RBI** is a high-performance, programmable clock generator manufactured by Cypress Semiconductor (now part of Infineon Technologies). It is part of the CY22381 family, designed for cost-effective system clocking in various electronic applications.
---
## 1. Core Specifications and Overview
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Infineon (formerly Cypress) |
| **Function** | Programmable Clock Generator |
| **Output Frequency Range** | Up to 200 MHz |
| **Operating Voltage** | 3.3V (Typical) |
| **Package Type** | 8-pin SOIC (Small Outline Integrated Circuit) |
| **Temperature Range** | Industrial (-40°C to +85°C) |
| **Number of PLLs** | 3 Phase-Locked Loops (PLLs) |
---
## 2. Technical Features
The device is highly versatile due to its internal architecture, which includes:
### A. Programmable PLLs
The chip contains three independent PLLs. This allows the device to generate multiple unique frequencies from a single input source (typically a crystal or an external reference clock).
### B. I2C Configuration
The "SI" in the part number often implies the Serial Interface capability. The device can be programmed via an **I2C interface**, allowing engineers to change frequency settings on-the-fly during system operation.
### C. Output Flexibility
* **Configurable Drive Strength:** Helps in managing Electromagnetic Interference (EMI) by controlling the rise and fall times of the clock signal.
* **Multiple Outputs:** Despite its small 8-pin footprint, it can drive multiple clock loads.
---
## 3. Pinout Description (Typical)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | VDD | Power Supply (3.3V) |
| 2 | XIN / CLKIN | Crystal Input or External Reference Clock |
| 3 | XOUT | Crystal Output (Leave floating if using external clock) |
| 4 | VSS | Ground |
| 5-7 | CLK(A/B/C) | Configurable Clock Outputs |
| 8 | SCLK / SDAT | I2C Serial Clock / Data for programming |
---
## 4. Common Applications
This part is commonly used in hardware where multiple clock frequencies are required but space is limited:
* **Networking Equipment:** Routers, switches, and modems.
* **Consumer Electronics:** Digital cameras, set-top boxes, and printers.
* **Industrial Control:** Embedded systems requiring synchronized timing across different modules.
---
- ⤷
What are the primary differences between the CY22381 and the CY22391 models?
- ⤷ How do I calculate the register values for a specific output frequency?
- ⤷ Is this part still in active production or has it been marked EOL (End of Life)?