Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • D12B40SWSWF

  • AI
    The part number **D12B40SWSWF** refers to a specific series of high-performance **brushless DC (BLDC) fans**, typically manufactured by companies like **Nidec** or **Delta Electronics**. These fans are engineered for industrial servers, networking equipment, and high-density computing environments. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frame Size** | 120mm x 120mm x 38mm | | **Operating Voltage** | 12V DC (Standard) | | **Current Draw** | Approx. 3.0A - 4.5A (High Power) | | **Bearing Type** | Dual Ball Bearing (for longevity and high RPM) | | **Connector** | 4-Pin (PWM Control & Tachometer Signal) | | **Housing Material** | PBT Plastic (UL94V-0 Rated) | --- ### 2. Key Electronic Features #### A. 4-Wire Interface (PWM & FG) This fan utilizes a 4-wire configuration to allow for precise electronic control: 1. **Red (+):** 12V Power supply. 2. **Black (-):** Ground. 3. **Yellow/White (FG/Tach):** Frequency Generator signal. It outputs a square wave proportional to the fan speed, allowing the motherboard to monitor RPM. 4. **Blue (PWM):** Pulse Width Modulation input. This allows the system to adjust the fan speed from 0% to 100% duty cycle without changing the input voltage. #### B. Brushless DC (BLDC) Motor Controller Inside the hub is an integrated circuit (IC) that manages the commutation. * **Electronic Commutation:** Unlike brushed motors, this uses Hall-effect sensors to detect the rotor position and switch the current in the stator coils. * **Soft Start:** Many of these models include a soft-start circuit to prevent high inrush current spikes when the fan powers on. #### C. Protection Circuitry The onboard electronics usually include: * **Locked Rotor Protection:** Automatically cuts or reduces power to the coils if the blades are obstructed to prevent the motor from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. --- ### 3. Application Use-Case Because of the **40W+ power profile** (implied by the "40" in the middle of the string and the 120mm frame), these are not standard PC case fans. They are used in: * **Enterprise Servers:** Cooling high-wattage CPUs and GPUs. * **ASIC Miners:** Moving massive amounts of air through heat sinks. * **Industrial Inverters:** Cooling power electronics in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 4-pin connector on this fan?
    • ⤷ Can this fan be controlled by a standard 3-pin motherboard header?
    • ⤷ What is the maximum CFM (Airflow) rating for the D12B40 series?