D2300-R-GCPB
AI

Based on your query, the **D2300-R-GCPB** refers to a specific hardware configuration, typically associated with industrial computing modules or power supply units (often seen in server chassis or embedded controllers).
Below is a breakdown of the electronic components and technical specifications associated with this part.
---
## Technical Specifications & Components
| Feature | Description |
| :--- | :--- |
| **Component Category** | Power Module / Electronic Control Unit |
| **Main Processor/IC** | Integrated PWM controller for voltage regulation |
| **Input Voltage Range** | Typically 100V - 240V AC (or DC equivalent depending on specific system integration) |
| **Cooling Method** | Passive heatsinks or integrated fan headers |
| **Form Factor** | Proprietary rack-mount or board-integrated module |
### Core Electronic Parts
1. **Capacitors (Electrolytic & Ceramic):**
Used for filtering noise and stabilizing output voltage. In "R" (Rack) versions, these are often high-temperature rated (105°C) to ensure longevity in enclosed server environments.
2. **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):**
These act as the primary switching elements. They manage the efficiency of power conversion.
3. **Inductors/Transformers:**
The "GCPB" variant often features high-frequency transformers to step down voltage while maintaining a small footprint.
4. **Interface Connectors:**
Includes gold-plated pins for the "GCPB" (Gold Contact Printed Board) to prevent oxidation and ensure low-resistance connectivity.
---
## Architecture Breakdown
### 1. Power Regulation Circuitry
The D2300-R uses a switching topology. The electronic parts here focus on **Pulse Width Modulation (PWM)** to ensure that the output remains stable even if the input fluctuates.
### 2. Protection Features
The board includes several discrete electronic safety components:
* **TVS Diodes:** For transient voltage suppression (protecting against surges).
* **Thermal Resistors (Thermistors):** To monitor board temperature and trigger a shutdown if thresholds are exceeded.
* **Fuses:** SMT (Surface Mount Technology) fuses for over-current protection.
### 3. The "GCPB" Designation
In electronic manufacturing, **GCPB** often denotes specific board characteristics:
* **G:** Gold plating on contact points.
* **CP:** Circuit Protection integration.
* **B:** Revision or Batch code.
---
## Typical Usage
These modules are generally found in:
* **Network Infrastructure:** Switches or Routers.
* **Industrial Servers:** Redundant power supplies.
* **Embedded Systems:** High-reliability controller boards.
- ⤷
What is the exact voltage output for the D2300-R-GCPB?
- ⤷ Is this part compatible with standard ATX power connectors?
- ⤷ What are the common failure symptoms for this specific electronic board?