D369-R33-BP
AI

The **D369-R33-BP** is a high-performance subminiature connector part, primarily manufactured by **TE Connectivity (DEUTSCH)**. It belongs to the **369 Series**, which was developed to provide a reliable, lightweight solution for harsh environments, particularly in the aerospace and defense sectors.
---
### ## Technical Specifications
The following table outlines the core electrical and physical characteristics of the D369-R33-BP:
| Attribute | Specification |
| :--- | :--- |
| **Series** | DEUTSCH 369 |
| **Connector Type** | Receptacle (Socket) |
| **Number of Positions** | 3 (arranged in a single row) |
| **Contact Gender** | Pin (Plug) or Socket (depending on insert) |
| **Mounting Type** | Panel Mount / Nut Fix |
| **Shell Material** | Composite (High-performance Thermoplastic) |
| **Plating** | Black Polymer (Non-conductive) |
| **IP Rating** | IP67 (Dust tight and immersion) |
| **Operating Temp** | -55°C to +175°C |
---
### ### Key Features
1. **Lightweight Design:** Constructed from high-grade composite materials, it offers significant weight savings over traditional circular metal connectors (MIL-DTL-38999).
2. **Space Efficiency:** The rectangular shape allows for high-density side-by-side stacking, which is critical in narrow aircraft cabins or electronic bays.
3. **Scoop-Proof Design:** The housing prevents the pins from being damaged if the mating connector is accidentally angled during installation.
4. **Acoustic/Tactile Feedback:** Features a "click" locking mechanism to ensure the connector is fully seated and secured against vibration.
---
### ### Typical Applications
The D369 series is designed for signal and low-power distribution in environments where reliability cannot be compromised:
* **Commercial Aviation:** In-flight entertainment (IFE) systems, lighting, and seat electronics.
* **Military/Defense:** UAV (Drone) wiring harnesses and portable soldier communication systems.
* **Industrial:** High-vibration machinery and robotics where space is constrained.
---
### ### Comparison: D369 vs. Standard Connectors
| Feature | D369-R33-BP | Standard Circular (e.g., 38999) |
| :--- | :--- | :--- |
| **Shape** | Rectangular / Slim | Circular / Bulky |
| **Weight** | Very Low | Moderate to High |
| **Installation** | Tool-less push-button | Threaded or Bayonet |
| **Sealing** | Triple-barrier wire seals | Gaskets and O-rings |
- ⤷
What are the compatible contact part numbers for the D369-R33-BP?
- ⤷ How does the 'BP' suffix specifically affect the mounting or material specs?
- ⤷ Is there a shielded version of this connector for EMI protection?