D369-R33-NP0
AI

The part number **D369-R33-NP0** typically refers to a high-precision, surface-mount (SMD) thick film power resistor or a specific sensing resistor component. Based on industry-standard naming conventions (likely from manufacturers like Bourns or specialized power resistor brands), here is the technical breakdown:
### 1. Component Specifications
The following table outlines the likely electronic characteristics based on the alphanumeric code:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Power Resistor | Designed for current sensing or load dissipation. |
| **Resistance Value** | 0.33 Ohms (R33) | "R" acts as the decimal point in the resistance code. |
| **Tolerance** | ±5% (Typical) | Often represented by the "J" or standard series suffix. |
| **Temperature Coeff.** | NP0 (C0G) | High stability; near-zero change in value across temperatures. |
| **Mounting Type** | SMD / SMT | Surface Mount Device for PCB integration. |
---
### 2. Detailed Technical Breakdown
#### **Resistance Value: R33**
* **Value:** 0.33 $\Omega$ (330 Milliohms).
* **Application:** This low resistance value is commonly used for **Current Shunt Sensing**. By measuring the voltage drop across this resistor, a microcontroller can calculate the current flowing through a circuit ($I = V/R$).
#### **Temperature Coefficient: NP0**
* **Definition:** NP0 stands for "Negative-Positive-Zero."
* **Stability:** This indicates that the resistance remains extremely stable regardless of temperature fluctuations. It is a critical feature for precision measuring instruments where heat generated by the component itself shouldn't change the reading.
#### **Package Series: D369**
* **Form Factor:** The "369" prefix often denotes a specific physical size or housing (e.g., a power TO-style package or a high-wattage chip size).
* **Power Rating:** Depending on the manufacturer, these are usually rated for 0.5W to 2W, depending on the thermal management of the PCB.
---
### 3. Common Applications
Due to the low resistance and high stability (NP0), these parts are found in:
1. **Switching Power Supplies (SMPS):** Monitoring output current.
2. **Battery Management Systems (BMS):** Tracking charge/discharge cycles.
3. **Motor Controllers:** Detecting over-current conditions.
4. **LED Drivers:** Maintaining constant current for high-brightness LEDs.
---
- ⤷
What is the maximum wattage rating for the D369 series?
- ⤷ How does the NP0 coefficient compare to X7R in terms of stability?
- ⤷ Can you provide a circuit diagram example for using a 0.33 ohm resistor in current sensing?