D369-R66-C
AI

The part number **D369-R66-C** refers to a high-reliability electrical connector, specifically part of the **D369 series** manufactured by **TE Connectivity (formerly DEUTSCH)**. These connectors are designed for harsh environments, particularly in the aerospace and defense sectors.
---
### Technical Specifications and Description
The D369 series is modeled after the BACC65 standard and is known for its compact, lightweight, and rectangular design. Below is a breakdown of the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | D369 (Aerospace Grade) |
| **Connector Type** | Receptacle (In-line) |
| **Contact Layout** | 6-Way (6 positions) |
| **Contact Type** | Socket (Crimp-type) |
| **Shell Material** | Composite (High-performance thermoplastic) |
| **Environmental Rating** | IP67 / IP68 (Fluid resistant and sealed) |
| **Temperature Range** | -55°C to +175°C |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration:
* **D369**: The base series name (TE/DEUTSCH Rectangular Connector).
* **R**: Indicates **Receptacle** (The housing that usually stays stationary or is mounted).
* **66**: Refers to the insert arrangement (specifically **6 positions** with **6 sockets**).
* **C**: Denotes the **Keying/Polarization** (The physical orientation to prevent mismatching with other similar connectors).
---
### Key Features and Applications
#### 1. Design Benefits
* **Space Saving:** Rectangular shapes allow for tight stacking compared to circular connectors.
* **Tool-less Installation:** These often feature a simple push-pull or click-lock mechanism for easy installation in cramped aircraft cabins.
* **Weight Reduction:** Made from lightweight composite materials rather than heavy metals.
#### 2. Common Use Cases
* **Cabin Systems:** In-flight entertainment (IFE), lighting, and seat electronics.
* **Aerospace:** UAVs (drones), commercial aircraft, and helicopters.
* **Harsh Environments:** Marine or industrial applications where moisture and vibration are prevalent.
---
### Associated Components
To use this part effectively, you typically need the following:
* **Contacts:** Standard M39029 or specialized D369 crimp contacts (Size 22).
* **Mating Part:** The corresponding **Plug** (usually starting with `D369-P66-C`).
- ⤷
What are the specific crimping tools required for D369-R66-C contacts?
- ⤷ Does this connector support EMI shielding (Class G or R)?
- ⤷ What is the difference between the 'C' and 'N' keying options in the D369 series?