D369-R69-NP0
AI

The part number **D369-R69-NP0** typically identifies a high-performance micro-switch or a specific sub-component within the **Cherry (ZF Electronics) D3 series**. These switches are renowned for their reliability in industrial and automotive applications.
### 1. Technical Specifications Breakdown
| Feature | Specification (Typical D3 Series) |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Micro-switch |
| **Actuator Style** | Usually a roller lever or simulated roller (R69 variant) |
| **Current Rating** | Typically 0.1A to 16A (depending on voltage) |
| **Contact Material** | Gold-plated (suggested by NP0 suffix for low current) |
| **Terminal Type** | PCB Solder pins or Quick-connect |
| **Operating Temp** | -40°C to +85°C / +125°C |
---
### 2. Nomenclature Analysis
While specific suffixes can vary by region, the code generally breaks down as follows:
* **D369**: The base series model. "D3" refers to the miniature size standard.
* **R69**: Refers to the **Actuator**. In this case, it usually signifies a specific length of a roller lever or a specialized lever shape designed for cam-operated mechanical triggers.
* **NP0**: Refers to the **Contact Configuration** and material.
* **N**: Often signifies "Normally Open" or a specific terminal orientation.
* **P0**: Usually indicates the electrical rating or gold-crosspoint contacts, which are essential for "dry circuit" applications (very low voltage/current) where oxidation must be prevented.
---
### 3. Key Applications
Because of its high precision and snap-action mechanism, this part is found in:
1. **Automotive:** Door latch sensors, gear shifter position detection.
2. **Industrial:** Limit switches for CNC machinery or robotic arms.
3. **Appliances:** Safety interlocks for microwaves or washing machines.
4. **Medical:** Fluid pumps or positioning sensors in diagnostic equipment.
---
### 4. Circuit Diagram (Internal)
The component functions as a Single Pole Single Throw (SPST) or Single Pole Double Throw (SPDT).
```mermaid
graph LR
A[Common] --- B(Spring Mechanism)
B --> C[Normally Closed]
B -.-> D[Normally Open]
```
---
- ⤷What is the maximum switching voltage for the D369 series?
- ⤷ Are there waterproof versions of the D369-R69 available?
- ⤷ How does gold-plating improve performance in low-current circuits?