D433-R1AA
AI

The **D433-R1AA** is a specific electronic component, most commonly identified as a **Subminiature Microswitch** manufactured by **ZF Electronics** (formerly Cherry). These switches are widely used in industrial controls, automotive electronics, and home appliances due to their high reliability and compact size.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the D433-R1AA:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Subminiature Microswitch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 6A at 250VAC |
| **Operating Force** | ~75cN (centi-Newtons) |
| **Actuator Type** | Simulated Roller Lever |
| **Terminal Type** | PCB Terminals (Right Angle) |
| **Operating Temperature** | -40°C to +85°C |
| **Mechanical Life** | 50,000 cycles (minimum) |
---
### 2. Key Electronic Features
* **Contact Material:** Typically utilizes Silver (Ag) or Silver Alloy contacts to ensure low contact resistance and high durability under electrical load.
* **Switching Function:** As an SPDT switch, it features one common terminal, one normally open (NO) terminal, and one normally closed (NC) terminal. This allows it to either complete or break a circuit when pressed.
* **Right-Angle PCB Mounting:** The "R1" designation often refers to the terminal configuration, allowing the switch to be mounted flat on a printed circuit board while the actuator faces outward.
---
### 3. Internal Circuit Diagram
To visualize the electronic behavior, consider the standard SPDT configuration used in this part:
```mermaid
graph LR
C[Common Terminal] --- NC[Normally Closed]
C -.-> NO[Normally Open]
subgraph Action
Trigger[Press Lever]
end
```
---
### 4. Common Applications
* **Safety Interlocks:** Detecting if a door or panel is open/closed in industrial machinery.
* **Limit Switching:** Used in 3D printers or CNC machines to define the "Home" position of an axis.
* **Consumer Electronics:** Power buttons or mode selectors in small appliances.
* **Automotive:** Latch sensors and seatbelt detection modules.
- ⤷
What is the difference between the D433-R1AA and the standard D4 series switches?
- ⤷ Can this switch be used for DC voltage applications
- ⤷ and what are the limitations?
- ⤷ What are the soldering requirements for the PCB terminals of this component?