AI

The **D433-R1AA-G2** is a specific variant of a snap-action microswitch, typically manufactured by **ZF Electronics (formerly Cherry)**. These switches are renowned for their high reliability, precision, and tactile feedback in industrial and consumer electronic applications.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and mechanical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Snap Action / Microswitch |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Actuator Style** | Simulated Roller Lever (Standard) |
| **Current Rating** | 6A at 250VAC |
| **Operating Force** | ~75cN (centi-Newtons) |
| **Terminal Type** | Quick Connect / Solder Terminals (2.8 x 0.5mm) |
| **Operating Temperature** | -40°C to +85°C (Standard) |
| **Mechanical Life** | Up to 50,000 cycles (depending on load) |
---
## 2. Component Breakdown
The "D433-R1AA-G2" designation can be broken down into the following electronic and physical attributes:
### A. Electrical Contacts (D4 Series)
* **Material:** Usually Silver (Ag) or Silver Nickel (AgNi), designed to handle moderate power loads (6A).
* **Logic:** As an SPDT switch, it features one common (COM), one normally open (NO), and one normally closed (NC) terminal.
### B. The Actuator (R1AA)
* **Mechanism:** The "R1" generally denotes a specific lever shape—in this case, a **simulated roller lever**. This reduces friction compared to a straight lever and is used when the trigger mechanism approaches from an angle.
* **Pre-travel:** The distance the lever moves before the contacts snap over.
### C. Housing and Mounting
* **Material:** High-grade thermoplastic (PET/PBT) designed for flame retardancy (UL 94 V-0).
* **Mounting:** Standard two-hole side mounting for M3 or #4 screws.
---
## 3. Typical Circuit Application
Below is a simple representation of how the D433 is integrated into a circuit to control a load (like a motor or LED).
```mermaid
graph LR
Power[AC/DC Source] --> COM[Common Terminal]
COM -- Triggered --> NO[Normally Open]
COM -- Idle --> NC[Normally Closed]
NO --> Load[Motor/Lamp]
Load --> Ground[Return]
```
### Key Functions:
1. **Limit Switching:** Detecting the end-of-travel for a motorized gate or 3D printer axis.
2. **Safety Interlock:** Ensuring a panel or door is closed before allowing a machine to energize.
3. **User Interface:** A robust button for heavy-duty industrial control panels.
---
## 4. Selection Considerations
When replacing or designing with this part, consider the following:
* **Inrush Current:** Ensure the 6A rating covers the initial surge of inductive loads (like motors).
* **Environmental Sealing:** The G2 variant is typically an open-frame style; it is not waterproof (IP00/IP40). For wet environments, an IP67-rated switch would be required.
* **Force Requirements:** The 75cN force is relatively light, making it suitable for delicate mechanical triggers.
---
- ⤷
What are the primary differences between the D433 and the D45 series?
- ⤷ Can this switch be used for low-current signal switching (e.g.
- ⤷ 5V logic)?
- ⤷ What is the industry-standard mounting hole spacing for this microswitch?