D433-R1LD-G2
AI

The **D433-R1LD-G2** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in radio frequency (RF) circuits, particularly for remote keyless entry (RKE) and short-range wireless communication.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical behavior.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Center Frequency** | 433.92 MHz | The resonant frequency at which the component operates. |
| **Mounting Type** | SMD / SMT | Surface Mount Technology for automated PCB assembly. |
| **Package Size** | 3.0 x 3.0 mm (Common) | Typically housed in a ceramic "DCC6" or similar 6-pad package. |
| **Material** | Quartz / Ceramic | Utilizes the piezoelectric effect for frequency stability. |
| **Tolerance** | ±75 kHz to ±150 kHz | The allowable deviation from the center frequency. |
---
### 2. Functional Components
The D433-R1LD-G2 serves as the "heartbeat" of an RF circuit. Its internal architecture consists of:
* **Quartz Resonator:** A precision-cut quartz crystal that vibrates at 433.92 MHz when an electric field is applied.
* **Transducers:** Electrodes bonded to the quartz to convert electrical energy into mechanical vibration (and vice-versa).
* **Hermetic Sealing:** The internal parts are sealed in a vacuum or inert gas to prevent oxidation and frequency drift over time.
---
### 3. Application Areas
This component is most frequently found in devices operating within the **LPD433 (Low Power Device 433 MHz)** band:
1. **Automotive:** Remote key fobs for locking/unlocking doors and tire pressure monitoring systems (TPMS).
2. **Home Automation:** Wireless doorbells, smart light switches, and garage door openers.
3. **Industrial:** Remote telemetry and wireless sensor networks.
---
### 4. Circuit Implementation
In a typical PCB layout, the D433-R1LD-G2 requires specific supporting components to function correctly:
* **Load Capacitors:** Used to fine-tune the frequency and ensure oscillation starts reliably.
* **Matching Network:** Inductors and capacitors used to match the impedance (usually 50 ohms) of the antenna.
---
- ⤷
What are the pinout configurations for the D433-R1LD-G2 package?
- ⤷ How does temperature affect the frequency stability of this crystal?
- ⤷ What is the typical power consumption of a circuit using this oscillator?