D439-R1LL-G2
AI

The **D439-R1LL-G2** is a specific model of a **Miniature Snap-Action Switch** (often referred to as a microswitch) manufactured by **Cherry** (now part of **ZF Switches & Sensors**). These switches are known for their high reliability and are commonly used in industrial control, automotive, and appliance applications.
---
### 1. Key Technical Specifications
The model number "D439-R1LL-G2" defines the electrical and mechanical characteristics of the component.
| Specification | Value/Description |
| :--- | :--- |
| **Series** | D4 Series (High-capacity miniature) |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 15A at 250VAC |
| **Actuator Type** | Long Straight Lever (LL) |
| **Terminal Type** | Quick Connect / Solder Terminals (4.8mm x 0.5mm) |
| **Operating Force** | Approximately 45cN (depending on lever length) |
| **Contact Material** | AgNi (Silver Nickel) |
---
### 2. Breakdown of the Model Code
To understand the "electronic parts" of this switch, it helps to decode the part number:
* **D4**: The base series, indicating a miniature housing size.
* **3**: Indicates the electrical rating/contact gap (Standard force, high current).
* **9**: Specific internal configuration or regional variant.
* **R1**: Terminal style (usually indicates 4.8mm QC terminals).
* **LL**: **Long Lever**. This is the mechanical arm that triggers the internal spring mechanism.
* **G2**: The specific variant of the lever or the positioning of the mounting holes.
---
### 3. Internal Components & Materials
The switch consists of several critical electronic and mechanical parts:
1. **Stationary Contacts:** Made of Silver Nickel (AgNi) for excellent conductivity and resistance to "welding" under high electrical loads.
2. **Movable Blade:** A beryllium copper spring that "snaps" between positions to ensure rapid contact separation, which minimizes electrical arcing.
3. **Housing:** Made of PET (Polyethylene Terephthalate) or similar thermoplastic, designed to be flame retardant (UL94V-0 rated).
4. **Plunger/Actuator:** The interface between the external lever and the internal spring mechanism.
---
### 4. Circuit Diagram (SPDT)
The D439 series typically features three terminals:
* **COM (Common):** The input terminal.
* **NC (Normally Closed):** Connected to COM when the lever is NOT pressed.
* **NO (Normally Open):** Connected to COM when the lever IS pressed.
```text
[COM]
/
(NC)o o(NO)
```
- ⤷
What is the maximum cycle life for the D4 series switches?
- ⤷ How does the 'Long Lever' affect the operating force compared to a standard plunger?
- ⤷ Can this switch be used for DC applications instead of AC?