D443-R1AA
AI

The **D443-R1AA** is a specific part number typically associated with **OMRON** microswitches, specifically within the **D44 series**. These are miniature snap-action switches designed for high reliability and durability in industrial and commercial applications.
---
### ## Technical Specifications
The D443-R1AA is engineered for low-force actuation and high-speed switching. Below are the core electronic and mechanical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Microswitch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 10A to 15A (Depending on voltage) |
| **Voltage Rating (AC)** | 250V AC |
| **Actuator Type** | Long Hinge Lever |
| **Termination Style** | Quick Connect / Solder Terminals |
| **Operating Force** | Low (approx. 0.5N to 1.5N depending on configuration) |
---
### ## Internal Component Breakdown
1. **Contacts:**
* Constructed from **Silver Alloy**. This ensures low contact resistance and prevents oxidation, which is vital for maintaining electrical conductivity over millions of cycles.
2. **Snap-Action Mechanism:**
* Utilizes a high-precision tension spring. This mechanism ensures that the transition between the **Normally Closed (NC)** and **Normally Open (NO)** states is instantaneous, regardless of the speed at which the external lever is pressed. This minimizes electrical arcing.
3. **Housing (Casing):**
* Made from **Thermoplastic (PBT or PET)**. These materials provide high dielectric strength (insulation) and resistance to heat and chemicals common in industrial environments.
4. **Terminals:**
* Usually brass with tin plating to facilitate easy soldering or secure connection with spade connectors.
---
### ## Operating Logic (SPDT)
As an SPDT switch, the D443-R1AA features three terminals:
* **COM (Common):** The input power or signal.
* **NC (Normally Closed):** The circuit is complete when the lever is at rest.
* **NO (Normally Open):** The circuit completes only when the lever is depressed.
---
### ## Common Applications
* **Domestic Appliances:** Door interlocks for microwave ovens or washing machines.
* **Industrial Automation:** Limit switches for detecting the position of moving parts.
* **Vending Machines:** Coin detection or motor position feedback.
* **HVAC Systems:** Airflow or pressure sensing mechanisms.
- ⤷
What is the maximum mechanical life expectancy of the D44 series switches?
- ⤷ How does the 'R1AA' suffix specifically define the lever length or terminal type?
- ⤷ Can this switch be used for DC loads
- ⤷ and what are the limitations?