D443-R1RA
AI

The **D443-R1RA** is a specific model of an **Industrial Limit Switch**, typically manufactured by Omron as part of their D44 series. These components are used to detect the presence or absence of an object by physical contact, converting mechanical motion into an electrical signal.
---
### 1. Technical Specifications
The D443-R1RA is designed for high reliability in industrial environments. Below are the primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switching Capacity** | 0.1A to 10A (Depending on voltage/load) |
| **Actuator Type** | Roller Lever (Usually stainless steel or resin) |
| **Terminals** | Solder or Quick-connect terminals |
| **Operating Force** | Low to medium (approx. 0.5N to 1.5N) |
| **Ingress Protection** | IP40 (Commonly) |
---
### 2. Core Electronic Components
Inside the D443-R1RA, several key electronic/mechanical parts work together to ensure signal accuracy:
* **Contacts (Silver or Gold Plated):** The internal points that touch to complete the circuit. Gold-plated versions are used for "logic level" (low voltage) switching to prevent oxidation.
* **Snap-Action Mechanism:** A spring-loaded system that ensures the contacts move instantly regardless of the speed of the external actuator. This prevents electrical "arcing."
* **Insulation Housing:** High-grade thermoplastic (often PBT or phenolic resin) that isolates the electrical terminals from the mounting frame.
* **Terminals:** Three pins labeled **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed).
---
### 3. Circuit Wiring Configuration
The D443-R1RA functions as a change-over switch. It can be wired in two primary ways:
1. **Normally Closed (NC) Loop:**
* The circuit is "On" until the lever is pressed.
* *Usage:* Safety stops or limit detection.
2. **Normally Open (NO) Loop:**
* The circuit is "Off" until the lever is pressed.
* *Usage:* Object counting or motor activation.
```mermaid
graph LR
A[Power Supply] --> B(Common Pin)
B -- Default Path --- C(NC Pin)
B -- Switched Path --- D(NO Pin)
```
---
### 4. Applications
* **3D Printers:** Used as end-stops for X, Y, or Z axes.
* **Conveyor Belts:** Detecting the position of boxes or pallets.
* **Safety Interlocks:** Ensuring a machine door is closed before operation.
- ⤷
What are the voltage limits for the D443-R1RA model?
- ⤷ How does a 'Snap-Action' mechanism differ from a slow-action switch?
- ⤷ What is the life expectancy in cycles for this limit switch?