D449-R1MD-G2
AI

The **D449-R1MD-G2** is a specific model of a microswitch (miniature snap-action switch), typically manufactured by **ZF Electronics** (formerly **CHERRY**). These components are widely used in industrial and consumer electronics for position sensing and human-machine interface.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | D4 Series (High-quality miniature switch) |
| **Current Rating** | 0.1A to 21A (Depending on configuration, usually 10A for R1) |
| **Voltage Rating** | 250V AC |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Roller Lever (typically indicated by the suffix) |
| **Termination** | Quick connect / Solder terminals |
---
### 2. Key Electronic Components & Materials
The internal construction of the D449-R1MD-G2 is designed for high reliability and longevity:
* **Contacts:** Usually made of **Silver Alloy** or **Gold-plated Silver**. Gold is preferred for low-current (logic level) switching to prevent oxidation.
* **Housing:** Made of **Thermoplastic (PET/PBT)** or **Phenolic resin**, designed to meet UL94V-0 flammability standards.
* **Spring Mechanism:** A beryllium copper or stainless steel tension spring that ensures the "snap-action" (instantaneous switching regardless of the speed of the physical trigger).
---
### 3. Functional Pinout (SPDT)
As an SPDT switch, it features three primary connection points:
1. **COM (Common):** The input terminal.
2. **NC (Normally Closed):** The circuit is closed when the lever is at rest.
3. **NO (Normally Open):** The circuit closes only when the lever is depressed.
---
### 4. Common Applications
Due to its precision, this part is frequently found in:
* **Home Appliances:** Door interlocks for microwaves or washing machines.
* **Industrial Automation:** Limit switches for CNC machines or 3D printers.
* **HVAC Systems:** Airflow or pressure sensing triggers.
* **Medical Equipment:** Safety sensors in motorized beds or pumps.
---
### 5. Technical Performance Metrics
| Metric | Typical Value |
| :--- | :--- |
| **Operating Force** | ~45g to 150g (Model dependent) |
| **Mechanical Life** | Up to 50,000,000 cycles |
| **Electrical Life** | 50,000 to 100,000 cycles (at full load) |
| **Temperature Range** | -40°C to +85°C (up to 150°C for high-temp versions) |
- ⤷
What is the exact wiring diagram for the SPDT configuration?
- ⤷ How does the 'G2' suffix change the mounting or terminal style?
- ⤷ Can this switch be used with 5V DC microcontrollers?