D449-R1ML-G2
AI

The **D449-R1ML-G2** is a specific model of a miniature snap-action switch (often referred to as a "Micro Switch") manufactured by **ZF Electronics** (formerly Cherry). These components are widely used for physical sensing, limit detection, and user interface buttons in industrial and consumer electronics.
---
## 1. Technical Specifications
The electrical and physical characteristics are defined by the alphanumeric code. Here is a breakdown of its core parameters:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-Mom (Momentary) |
| **Current Rating** | 10A at 250VAC |
| **Actuator Type** | Long Straight Lever |
| **Termination Style** | Solder Lug / Quick Connect (2.8mm) |
| **Operating Force** | ~45g (low force variant) |
| **Mechanical Life** | 50,000 cycles (minimum) |
---
## 2. Key Electronic Components
### A. Contact Material
The "D4" series typically utilizes **Silver (Ag)** or **Silver Nickel (AgNi)** contacts. These materials are chosen for their high conductivity and ability to withstand the electrical arcing that occurs when switching 10A loads.
### B. The Snap-Action Mechanism
Inside the plastic housing is a **Beryllium Copper (BeCu)** spring. This spring ensures that the transition between the "Normally Closed" (NC) and "Normally Open" (NO) contacts happens at a constant, high speed, regardless of how slowly the lever is pushed. This prevents "contact bounce" and excessive wear.
### C. Terminal Configuration
The device features three terminals:
1. **COM (Common):** The input line.
2. **NC (Normally Closed):** The circuit is active when the lever is at rest.
3. **NO (Normally Open):** The circuit is active only when the lever is depressed.
---
## 3. Application Use Cases
Because of its high current rating and lever design, the D449-R1ML-G2 is typically used in:
* **Safety Interlocks:** Detecting if a printer cover or microwave door is closed.
* **Limit Switches:** Stopping a motor in a 3D printer or CNC machine when it reaches the end of its travel.
* **Vending Machines:** Detecting the passage of a coin or the dispensing of a product.
* **HVAC Systems:** Airflow sensing or pressure detection.
---
## 4. Visual Layout (Schematic Representation)
```text
[ Lever Actuator ]
|
V
/--------------\
| (O) | <-- Internal Pivot
| / |
(COM) o---/ .---o (NC)
| | |
| '---o (NO)
\--------------/
```
- ⤷
What is the difference between silver and gold contacts in the D4 series?
- ⤷ How do I wire this switch for a 'normally open' configuration?
- ⤷ What is the maximum voltage rating for DC applications for this switch?