D4C0106N-R60A
AI

The **D4C0106N-R60A** is a specific model of a **Rotary Switch** manufactured by Electroswitch. These components are designed to manually open or close electrical circuits by rotating a knob or shaft.
---
## 1. Technical Specifications
The part number describes a specific configuration within the D4 series. Below are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Electroswitch |
| **Series** | D4 Series |
| **Number of Positions** | 2 to 6 (Adjustable) |
| **Number of Poles** | 1 Pole |
| **Number of Decks** | 1 Deck |
| **Angle of Throw** | 30° |
| **Contact Timing** | Non-Shorting (Break-Before-Make) |
| **Current Rating** | 500mA @ 115VAC / 1.5A @ 28VDC |
| **Mounting Type** | Panel Mount |
---
## 2. Part Number Breakdown (Nomenclature)
The code represents a modular build. Here is how to interpret the segments:
1. **D4**: The Series identifier (High-quality, rugged construction).
2. **C**: Refers to the physical size and construction style (Compact).
3. **01**: Indicates the number of **Poles** (1 pole in this case).
4. **06**: Indicates the number of **Positions** (Up to 6 positions).
5. **N**: Denotes **Non-Shorting** contacts. This means the connection to one position is broken before the connection to the next is made.
6. **R60A**: Specifies the shaft length, finish, and specific rotation limits (30-degree indexing).
---
## 3. Key Internal Components
* **Rotor:** The moving part connected to the shaft that makes contact with different terminals.
* **Stator (Deck):** The stationary ceramic or diallyl phthalate insulation board that holds the terminals.
* **Detent Mechanism:** A spring-loaded ball or "star wheel" that provides the tactile "click" and ensures the switch stays in the selected position.
* **Silver Plated Contacts:** Used to ensure low contact resistance and long life.
---
## 4. Typical Applications
This switch is often used in industrial or high-end audio equipment where reliability is critical:
* **Signal Routing:** Selecting between different audio inputs.
* **Mode Selection:** Changing operating modes in test equipment (e.g., Oscilloscopes, Multimeters).
* **Industrial Controls:** Manually overriding automated settings or selecting power levels.
- ⤷
What is the difference between shorting and non-shorting contacts in rotary switches?
- ⤷ How do you wire a 1-pole 6-position switch for a multi-tap transformer?
- ⤷ Can the number of positions on the D4C0106N be physically limited using a stop ring?