AI

The **D4G0106S-R60F** is a specialized electronic component, typically categorized as a **rotary switch**. These switches are designed for manual circuit selection and are commonly used in industrial controls, audio equipment, and testing instruments.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the D4 series rotary switches, here are the primary technical characteristics:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Rotary Switch |
| **Circuit Configuration** | 1 Pole, 6 Positions (Typical) |
| **Switching Type** | Shorting (Make-before-break) or Non-shorting |
| **Contact Material** | Often Silver-plated or Gold-plated for low resistance |
| **Mounting Type** | Panel Mount |
| **Termination Style** | Solder Lug / PC Pin |
### 2. Physical Construction
The part is built using several distinct layers and materials to ensure durability:
* **Wafer (Deck):** Usually made of **Diallyl Phthalate (DAP)** or ceramic. This provides high insulation resistance and heat stability.
* **Rotor:** The moving part that connects the common terminal to the selected position.
* **Stator:** The stationary base where the solder terminals are located.
* **Indexing Mechanism:** This provides the "click" feel (detent) and ensures the switch stays in the selected position.
### 3. Electronic Functionality
The **D4G0106S-R60F** operates as a mechanical selector. In a circuit, it performs the following roles:
1. **Signal Routing:** Directs an input signal to one of six different output paths.
2. **Logic Selection:** Can be used to change the gain of an amplifier, select a frequency band, or toggle between different sensor inputs.
3. **High Reliability:** Because it is a mechanical switch, it offers excellent isolation between open contacts and can often handle higher voltages/currents than solid-state multiplexers.
### 4. Application Examples
* **Industrial Machinery:** Selecting operating modes (Manual, Auto, Calibration).
* **Audio Gear:** Input selectors for pre-amplifiers or channel switching.
* **Test Equipment:** Changing ranges on a multimeter or oscilloscope.
---
- ⤷
What is the maximum current rating for the D4G series switches?
- ⤷ How does a 'shorting' contact differ from a 'non-shorting' contact in this switch?
- ⤷ What are the environmental sealing ratings (IP rating) for this specific model?