AI

The **D4G0112N-R30C** is a high-quality, professional-grade rotary switch manufactured by **Electroswitch**. This specific part belongs to their D4 Series, which is known for its rugged construction and versatility in industrial and instrumentation applications.
---
### Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the D4G0112N-R30C:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Electroswitch |
| **Circuit Configuration** | SP12T (Single Pole, 12 Positions) |
| **Number of Decks** | 1 |
| **Angle of Throw** | 30° |
| **Contact Timing** | Non-Shorting (Break-Before-Make) |
| **Current Rating** | 0.5A @ 125VAC |
| **Voltage Rating** | 125 VAC / 28 VDC |
| **Mounting Type** | Panel Mount |
| **Termination Style** | Solder Lug |
---
### Key Features & Components
#### 1. Switching Logic (SP12T)
This part is a **Single Pole, 12 Position** switch. It has one common input that can be routed to any of the twelve output terminals. The "12N" in the part number indicates 12 positions, Non-shorting.
#### 2. Non-Shorting Contacts
The "N" designation stands for **Non-shorting** (Break-Before-Make). This means that during the transition from Position 1 to Position 2, the connection to Position 1 is fully broken before the connection to Position 2 is established. This prevents temporary electrical shorts between adjacent circuits.
#### 3. 30° Indexing
The switch has an angle of throw of 30 degrees. This provides a clear tactile "click" or detent between each of the 12 positions, completing a full circle (30° x 12 = 360°).
#### 4. Contact Materials
Electroswitch typically uses **Silver-plated brass** or **Silver alloy** contacts for the D4 series to ensure low contact resistance and long-term reliability.
---
### Typical Applications
Due to its robust design, the D4G0112N-R30C is commonly used in:
* **Test and Measurement Equipment:** Selecting between different sensor inputs or frequency ranges.
* **Audio Equipment:** Input selectors or gain stage switching.
* **Industrial Controls:** Mode selection (Manual, Auto, Off, etc.) on heavy machinery.
* **Avionics:** Cockpit instrumentation where reliability under vibration is critical.
---
### Wiring Example (Pseudo-Code Logic)
If you were using this switch to select between various resistors in a circuit, the logic would look like this:
```c
// Conceptual logic for a 12-position selector
switch (current_position) {
case 1: activate_circuit(A); break;
case 2: activate_circuit(B); break;
// ... up to 12
case 12: activate_circuit(L); break;
default: open_circuit();
}
```
- ⤷
What is the difference between shorting and non-shorting contacts in this series?
- ⤷ Are there multi-deck versions of the D4 series available?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch?