D4G0112N-R60C
AI

The **D4G0112N-R60C** is a high-quality, military-grade rotary switch manufactured by **Electroswitch**. This specific model belongs to their "D4" series, known for its robustness and reliability in demanding environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Electroswitch |
| **Series** | D4 Series |
| **Number of Positions** | 12 Positions |
| **Number of Poles** | 1 Pole |
| **Number of Decks** | 1 Deck |
| **Contact Timing** | Non-Shorting (Break-before-make) |
| **Termination Style** | Solder Lug |
| **Voltage Rating** | 125 VAC / 28 VDC |
| **Current Rating** | 500 mA (0.5A) |
---
### 2. Functional Components
#### A. Contact Mechanism
* **Non-Shorting (BBM):** This part ensures that the connection to the previous position is broken before the connection to the next position is made. This prevents accidental momentary shorts between circuits.
* **Silver Plated Contacts:** Used to provide low contact resistance and prevent oxidation over long-term use.
#### B. Mechanical Housing
* **Rotary Action:** Features a 30-degree index angle between each of the 12 positions.
* **Open Frame Construction:** The "decks" are visible and accessible, which allows for easier inspection and cleaning compared to sealed plastic switches.
* **Ruggedized Design:** Built to meet or exceed MIL-DTL-3786 standards, making it resistant to shock, vibration, and thermal extremes.
#### C. Mounting and Interface
* **Panel Mount:** Designed to be mounted through a hole in a chassis or panel, secured by a hex nut and locking washer.
* **Solder Lugs:** The terminals are designed for manual wire soldering, providing a high-integrity mechanical and electrical bond.
---
### 3. Common Applications
Due to its high reliability and precise indexing, the D4G0112N-R60C is typically found in:
* **Test & Measurement Equipment:** Selecting between different voltage ranges or signal inputs.
* **Industrial Controls:** Manual mode selection for heavy machinery.
* **Communication Systems:** Band switching or channel selection in radio frequency (RF) equipment.
* **Aerospace & Defense:** Control panels where failure is not an option.
---
- ⤷
What is the difference between shorting and non-shorting contact timing?
- ⤷ Can this switch be customized with more decks or poles?
- ⤷ What are the specific environmental ratings (MIL-SPEC) for this series?