AI

### DAC8564IAPW: Technical Overview
The **DAC8564IAPW** is a high-precision, low-power, quad-channel, 16-bit digital-to-analog converter (DAC) manufactured by Texas Instruments. It is widely used in industrial automation and instrumentation due to its integrated reference and excellent linearity.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the DAC8564IAPW.
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 16-Bit |
| **Number of Channels** | 4 (Quad) |
| **Interface** | SPI (Serial, up to 50MHz) |
| **Supply Voltage (AVDD)** | 2.7V to 5.5V |
| **Internal Reference** | 2.5V (2ppm/°C drift) |
| **Output Type** | Buffered Voltage |
| **Power Consumption** | 4.5mW (at 5V) |
| **Package** | TSSOP-16 |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Core Internal Components
The architecture of the DAC8564 consists of several critical functional blocks:
1. **Resistor String DAC:** Each of the four channels uses a resistor string architecture. This ensures **monotonicity**, meaning the output voltage always increases or stays the same as the digital input code increases.
2. **Internal Reference:** It features a highly stable 2.5V internal reference. This reduces the need for external precision components, saving board space and cost.
3. **Output Amplifiers:** Each channel has a rail-to-rail output amplifier. These buffers allow the DAC to drive loads directly without significantly affecting the precision of the output.
4. **Power-On Reset (POR):** The "IAPW" version specifically ensures that the DAC outputs power up to **zero-scale** (0V), preventing unpredictable behavior in connected hardware during boot-up.
---
### 3. Pin Configuration Highlights
| Pin | Name | Description |
| :--- | :--- | :--- |
| **1** | VREFH/VREFOUT | Reference Input/Output |
| **2** | VREFL | Reference Low (usually GND) |
| **3** | AVDD | Analog Power Supply |
| **4-7** | VOUT A-D | Analog Voltage Outputs for Channels A, B, C, and D |
| **12** | SCLK | Serial Clock Input |
| **13** | DIN | Serial Data Input |
| **14** | SYNC | Level-triggered Control Input (Active Low) |
| **16** | LDAC | Load DAC; updates the DAC registers simultaneously |
---
### 4. Typical Applications
* **Process Control:** Generating 4-20mA loops or 0-10V signals via external circuitry.
* **Data Acquisition Systems:** Providing precise offset or gain adjustment.
* **Closed-loop Servo Control:** Providing high-resolution positioning signals.
* **Programmable Logic Controllers (PLCs):** Multi-channel analog output modules.
---
### 5. Part Number Breakdown (DAC8564IAPW)
* **DAC8564:** Base part number (16-bit, Quad-channel).
* **I:** Industrial temperature range (-40°C to +105°C).
* **A:** Specific version (Initial accuracy/Internal Ref).
* **PW:** TSSOP-16 package type.
- ⤷
What are the main differences between the DAC8564 and the DAC8565 versions?
- ⤷ How do I configure the SPI protocol for this device in a microcontroller?
- ⤷ What external circuitry is recommended to filter the AVDD supply for high precision?