Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DAC8564IDPWR

  • AI
    ## Overview of the DAC8564IDPWR The **DAC8564IDPWR** is a low-power, voltage-output, four-channel, 16-bit digital-to-analog converter (DAC). It is designed by Texas Instruments and is widely used in precision instrumentation and industrial control systems due to its high resolution and integrated features. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | SPI (Serial Peripheral Interface) | | **Supply Voltage** | 2.7V to 5.5V | | **Settling Time** | 10 µs | | **Reference Type** | Internal 2.5V (enabled by default) or External | | **Package** | 16-TSSOP (Thin Shrink Small Outline Package) | | **Relative Accuracy (INL)** | ±4 LSB (Least Significant Bit) | --- ### Main Electronic Components & Features #### 1. Internal Reference The device includes a built-in **2.5V, 2ppm/°C internal reference**, which simplifies the circuit design by removing the need for an external voltage reference. This reference can be disabled if an external voltage is required for specific scaling. #### 2. Input Shift Register Data is loaded into the device via a 24-bit serial word. * **8 bits:** Control bits (Address and Command). * **16 bits:** Data bits (The digital value to be converted). #### 3. Power-On Reset (POR) The "IDPWR" variant ensures that the DAC outputs power up to **zero-scale**. This is a safety feature for industrial applications to ensure motors or actuators do not move unexpectedly when the system is turned on. #### 4. Low Power Consumption The chip is designed for efficiency, consuming approximately **0.5mA per channel** at 5V. It also features a "Power-Down" mode that reduces current consumption to micro-amps. --- ### Typical Connection Diagram (SPI) To interface the DAC8564 with a microcontroller (like an Arduino, STM32, or ESP32), the following pins are used: | Pin Name | Description | | :--- | :--- | | **VCC** | Power supply (2.7V - 5.5V) | | **SCLK** | Serial Clock Input | | **DIN** | Serial Data Input | | **SYNC** | Level-triggered control input (Active Low Chip Select) | | **VOUT A-D** | Analog Output voltages for the 4 channels | | **GND** | Ground | --- ### Application Use Cases * **Industrial Process Control:** Precise adjustment of valves and actuators. * **Data Acquisition Systems:** Generating precise offset voltages. * **Programmable Voltage Sources:** Used in laboratory equipment. * **Communication Systems:** Fine-tuning gain and offset in RF circuits.
    ✨ Follow-up Questions
    • ⤷What is the difference between the DAC8564 and the DAC8565 versions?
    • ⤷ How do you calculate the output voltage based on the 16-bit digital input?
    • ⤷ What are the layout considerations to minimize noise for this 16-bit DAC?