Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DAC8564_16

  • AI
    ## Overview of the DAC8564 The **DAC8564** is a high-precision, low-power, voltage-output, four-channel (quad), 16-bit digital-to-analog converter (DAC). It is widely used in industrial automation, data acquisition systems, and precision instrumentation due to its integrated reference and excellent linearity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | SPI (Serial Peripheral Interface) up to 50MHz | | **Output Type** | Buffered Voltage Output | | **Internal Reference** | 2.5V (2ppm/°C drift typical) | | **Power Supply** | 2.7V to 5.5V | | **Settling Time** | 10µs (typical) | | **Package Options** | TSSOP-16 | --- ### 2. Functional Electronic Components The DAC8564 integrates several critical sub-systems into a single chip: * **Resistor String Architecture:** Uses a segmented resistor string to ensure monotonicity and minimize differential non-linearity (DNL). * **Internal Reference:** Features a high-accuracy 2.5V internal reference. It can be disabled if an external reference is preferred. * **Output Amplifiers:** Each of the four channels includes a rail-to-rail output amplifier capable of driving a 2kΩ load in parallel with 1000pF. * **Power-On Reset (POR):** Ensures the DAC outputs power up to either zero-scale or mid-scale (depending on the specific model suffix) until a valid write takes place. * **Precision Control Logic:** Manages the 24-bit serial input word, which includes control bits, address bits, and the 16-bit data word. --- ### 3. Pin Configuration Summary | Pin Name | Description | | :--- | :--- | | **$V_{DD}$** | Analog Power Supply (2.7V to 5.5V). | | **$V_{OUT}$ A-D** | Analog Output Voltages for Channels A, B, C, and D. | | **SCLK** | Serial Clock Input. | | **DIN** | Serial Data Input. | | **$\overline{SYNC}$** | Level-triggered control input (Active Low). Frames the serial data. | | **$V_{REF}H / V_{REF}L$** | Reference high/low inputs (if internal reference is bypassed). | | **$\overline{LDAC}$** | Load DAC; used to update all DAC outputs simultaneously. | | **$\overline{CLR}$** | Asynchronous clear input; resets DAC to a pre-defined code. | --- ### 4. Implementation Circuit Block Diagram To use the DAC8564, a standard implementation requires decoupling capacitors and a stable SPI connection from a Microcontroller (MCU) or FPGA. ```c // Example pseudocode for writing a 16-bit value to Channel A void DAC8564_Write(uint16_t data) { uint8_t packet[3]; packet[0] = 0x00; // Control bits: Write to DAC Register A packet[1] = (data >> 8) & 0xFF; // High byte packet[2] = data & 0xFF; // Low byte digitalWrite(SYNC_PIN, LOW); // Start SPI Frame SPI.transfer(packet, 3); // Send 24 bits digitalWrite(SYNC_PIN, HIGH); // End SPI Frame } ``` --- ### 5. Application Areas * **Process Control:** Generating 4-20mA current loops (when paired with a V-to-I converter). * **Instrumentation:** Programmable voltage sources and gain/offset adjustment. * **Communication:** Digital gain and offset calibration.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the DAC8564 and DAC8565 versions?
    • ⤷ How do I calculate the output voltage based on the 16-bit digital input value?
    • ⤷ What is the power consumption of the DAC8564 in power-down mode?