DBL152S
AI

The **DBL152S** is a surface-mount (SMD) **Single-Phase Glass Passivated Bridge Rectifier**. Its primary function is to convert Alternating Current (AC) into Direct Current (DC) within a compact electronic circuit.
---
### ## Technical Specifications
The DBL152S belongs to the DBLS series, known for its small footprint and high reliability.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 | Volts |
| **Maximum RMS Voltage** | $V_{RMS}$ | 70 | Volts |
| **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 1.5 | Amperes |
| **Peak Forward Surge Current (8.3ms pulse)** | $I_{FSM}$ | 50 | Amperes |
| **Maximum Forward Voltage (per diode)** | $V_F$ | 1.1 | Volts |
| **Operating Temperature Range** | $T_J$ | -55 to +150 | °C |
---
### ### Internal Architecture and Pinout
The device consists of four silicon diodes arranged in a "bridge" configuration inside a single DBLS package.
1. **Pin 1 & 2 (AC Input):** Labeled with a sine wave symbol (~). These pins receive the AC voltage from a transformer or wall outlet.
2. **Pin 3 (Positive DC Output):** Labeled with (+). This is the rectified positive rail.
3. **Pin 4 (Negative DC Output):** Labeled with (-). This is the ground or negative return for the DC circuit.
---
### ### Key Features
* **Glass Passivated Junction:** The diode chips are coated with a layer of glass to protect them from moisture and contaminants, improving long-term stability.
* **Compact SMD Design:** The DBLS package is ideal for automated surface mount assembly, saving space on PCBs compared to through-hole components.
* **High Surge Capability:** Can handle brief spikes in current (up to 50A) often seen during the initial power-on of a device.
* **Low Reverse Leakage:** Minimizes power waste when the diodes are in the non-conducting state.
---
### ### Common Applications
The DBL152S is typically found in the "front-end" of power supply circuits:
* **AC/DC Adapters:** Used in chargers for smartphones and laptops.
* **LED Lighting:** Converting mains power to DC for LED drivers.
* **Consumer Electronics:** Powering internal boards for TVs, set-top boxes, and audio equipment.
* **SMPS (Switching Mode Power Supplies):** Acting as the primary rectification stage.
---
### ### Simple Implementation Example
In a standard circuit, the AC mains enters through a fuse and EMI filter, then hits the DBL152S. A capacitor is usually placed after the rectifier to smooth the "pulsating DC" into a steady voltage.
```text
AC Line (~) ----> [ DBL152S ] ----> (+) ---- [ Filter Cap ] ---- DC Output
AC Neutral (~) --> [ Bridge ] ---- (-) ------------------------- DC Ground
```
- ⤷
What is the difference between the DBL152S and the DBL157S?
- ⤷ How do I calculate the power dissipation of this bridge rectifier?
- ⤷ What size capacitor is recommended for smoothing the output of a 1.5A bridge?