Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DBM1915NP-R72

  • AI
    The **DBM1915NP-R72** is a high-performance, surface-mount power inductor commonly used in DC-DC converters and voltage regulator modules (VRMs). It is designed to handle high current while maintaining a compact footprint. --- ### 1. Key Technical Specifications The following table highlights the typical electrical and physical characteristics of this component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.72 µH | Nominal inductance at specified frequency | | **Tolerance** | ±20% | Deviation from nominal inductance | | **DCR (Direct Current Resistance)** | ~0.35 mΩ | Internal resistance (typical) | | **Saturation Current ($I_{sat}$)** | ~70A - 90A | Current at which inductance drops by a specific % | | **Heating Current ($I_{rms}$)** | ~50A - 60A | Current causing a 40°C temperature rise | | **Dimensions** | 19.5 x 15.0 x 10.0 mm | Standard footprint for the DBM1915 series | --- ### 2. Core Material and Construction * **Material:** Usually utilizes a metal alloy powder core or a ferrite composite. Metal alloy cores are preferred for "soft saturation" characteristics, meaning the inductance decreases gradually rather than abruptly when current increases. * **Shielding:** It is a **magnetically shielded** construction. This is critical for minimizing Electromagnetic Interference (EMI) in high-density PCB layouts. * **Terminations:** Features flat-lead or "S-lead" terminals to ensure low resistance and high mechanical stability during vibration. --- ### 3. Applications The DBM1915NP-R72 is specifically engineered for high-power demands: * **Graphics Cards (GPUs):** Used in the power phases of high-end video cards. * **Servers and Data Centers:** High-current buck converters for CPUs and ASICs. * **Industrial Power Supplies:** Where high reliability and thermal efficiency are required. * **Battery Management Systems (BMS):** Handling high-current discharge paths. --- ### 4. Implementation Considerations When designing with this part, keep the following in mind: 1. **Thermal Management:** Even with low DCR, at 60A, the component will generate significant heat ($P = I^2 \times R$). Ensure adequate copper pour on the PCB for heat dissipation. 2. **Saturation Margin:** Always verify that the peak inductor current in your circuit does not exceed the $I_{sat}$ rating to prevent circuit instability. 3. **Frequency:** Ensure the switching frequency of your controller is within the optimal range for the core material (typically up to 2MHz-5MHz).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the DBM1915NP-R72 from other manufacturers?
    • ⤷ How does the 'soft saturation' of this inductor compare to standard ferrite inductors?
    • ⤷ What is the specific temperature derating curve for the saturation current?