AI

The **Arista DCS-7130-96LS-R** is a specialized, ultra-low-latency network switch designed primarily for High-Frequency Trading (HFT) and service provider environments. It combines high-density Ethernet switching with Layer 1 (L1) crosspoint functionality and FPGA capabilities.
---
### ## Hardware Specifications & Components
The "96LS" model is part of the 7130L Series, focusing on deterministic performance and high port density.
| Component | Specification |
| :--- | :--- |
| **Form Factor** | 1RU (Rack Unit) |
| **Port Configuration** | 96 x SFP+ ports (supporting 1/10GbE) |
| **Switching Fabric** | Layer 1 (Crosspoint) + Layer 2/3 (Switching Engine) |
| **Latency** | ~5ns (Layer 1) / ~350ns (Layer 2/3) |
| **Power Supply** | Dual, Redundant, Hot-swappable (AC or DC) |
| **Airflow** | Rear-to-Front (-R designation) |
| **Management Ports** | 1 x RJ45 Management, 1 x Console, 1 x USB |
---
### ### Key Electronic Architecture
The DCS-7130-96LS-R architecture is unique because it integrates three distinct electronic functional layers:
#### 1. The L1 Matrix (Crosspoint)
Unlike a standard switch that processes every packet, this device contains a high-speed electronic crosspoint.
- **Function:** Allows for "bit-forwarding" between ports without inspecting the packet.
- **Electronic Impact:** This results in **near-zero latency** (~5 nanoseconds), which is the physical time it takes for electrons/photons to pass through the silicon.
#### 2. The Management & Switching CPU
The system runs Arista EOS (Extensible Operating System).
- **Core Processor:** Typically an x86 multi-core CPU.
- **Memory:** High-capacity DDR4 RAM to handle large routing tables and the Linux-based EOS environment.
- **Storage:** SSD/mSATA for OS images and logging.
#### 3. FPGA Integration (Optional/Programmable)
Many 7130 models incorporate an **FPGA (Field Programmable Gate Array)**.
- **Role:** Allows developers to offload custom logic (like HFT execution algorithms or market data filtering) directly onto the hardware.
- **Benefit:** Provides hardware-level speeds with software-level flexibility.
---
### ### Power and Thermal Management
Because this device packs 96 ports into a 1RU chassis, the electronic design emphasizes thermal efficiency:
- **Redundant Power:** Two power supplies (PSUs) share the load; if one fails, the other can sustain the entire 96-port load.
- **Reversed Airflow (-R):** The "-R" indicates the fans pull air from the port side (cold aisle) and exhaust it through the power supply side (hot aisle), matching specific data center cooling designs.
---
- ⤷
What are the specific advantages of Layer 1 switching over Layer 2 in HFT?
- ⤷ How does the 'R' airflow designation impact rack placement?
- ⤷ Does the 7130-96LS-R support 25G or 40G speeds?