DDH-SRS-R2
AI

The **DDH-SRS-R2** is a specialized high-performance electronic unit typically associated with advanced motion control and simulation systems (often found in Direct Drive Wheelbase ecosystems for racing simulations). It functions as a sophisticated motor controller and signal processing hub.
Below is a breakdown of the electronic components and their functions:
---
### 1. Core Electronic Components
The DDH-SRS-R2 relies on high-speed data processing and power management to deliver precise feedback.
| Component Type | Function |
| :--- | :--- |
| **Microcontroller (MCU)** | Acts as the "brain," processing input signals from the PC and calculating torque output in real-time. |
| **MOSFET Bridge** | High-power transistors that switch the current flowing to the motor phases to control rotation and torque. |
| **Logic Level Shifters** | Converts high-voltage signals to low-voltage signals for communication between the MCU and peripheral sensors. |
| **Filter Capacitors** | Large capacitors used to smooth out voltage ripples and handle back-EMF (electromotive force) from the motor. |
| **Optoisolators** | Protects the sensitive logic circuits from high-voltage spikes or electromagnetic interference (EMI). |
---
### 2. Communication & Interfaces
The R2 revision typically features improved connectivity compared to its predecessors to reduce latency.
* **USB Interface:** Usually managed by a dedicated HID (Human Interface Device) controller for plug-and-play compatibility.
* **Encoder Input:** A high-resolution interface (often BiSS or SSI) that reads the position of the motor shaft thousands of times per second.
* **Expansion Ports:** RJ45 or DIN connectors used for peripherals like pedals, shifters, or handbrakes.
---
### 3. Power Management Architecture
The electronic design of the SRS-R2 focuses on thermal efficiency and current stability.
```cpp
// Conceptual Logic for Power Delivery
if (input_torque > threshold) {
apply_pwm_signal(high_current_mode);
monitor_thermal_sensor();
} else {
apply_pwm_signal(eco_mode);
}
```
* **Switching Power Supply:** Internally regulates the 24V-48V DC input down to 5V and 3.3V for the onboard chips.
* **Thermal Protection:** Built-in thermistors monitor the heat of the MOSFETs to prevent hardware failure under high-torque loads.
---
### 4. Technical Specifications Summary
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 110V - 240V AC (Internal Conversion) |
| **Processor Speed** | 168MHz - 400MHz (ARM-based) |
| **Sampling Rate** | Up to 1000Hz (1ms response time) |
| **Protection Circuits** | Over-current, Over-voltage, Over-temperature |
---
- ⤷What is the maximum torque output supported by the DDH-SRS-R2 control board?
- ⤷ How does the R2 version differ electronically from the original R1 model?
- ⤷ Which specific motor types are compatible with this electronic unit?