DF110M
AI

The **DF110M** is a high-performance, single-phase glass passivated bridge rectifier commonly used in power supplies, chargers, and LED lighting drivers. It is designed to convert Alternating Current (AC) into Direct Current (DC).
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the DF110M component:
| Parameter | Symbol | Value | Unit |
|:---|:---:|:---:|:---:|
| Maximum Repetitive Peak Reverse Voltage | $V_{RRM}$ | 1000 | Volts |
| Maximum RMS Bridge Input Voltage | $V_{RMS}$ | 700 | Volts |
| Maximum Average Forward Rectified Current | $I_{F(AV)}$ | 1.0 | Amperes |
| Peak Forward Surge Current (8.3ms single half sine-wave) | $I_{FSM}$ | 30 | Amperes |
| Maximum Forward Voltage Drop (at 1.0A DC) | $V_F$ | 1.1 | Volts |
| Operating Junction Temperature Range | $T_J$ | -55 to +150 | °C |
---
### 2. Physical Construction and Package
The "M" suffix typically refers to the package type. The DF110M usually comes in a **DF-M (DIP-4)** package, which is a through-hole design.
* **Case Material:** Molded plastic (UL Flammability Classification 94V-0).
* **Terminals:** Plated leads solderable per MIL-STD-202.
* **Polarity:** Polarity symbols are marked on the body (+, -, and two AC symbols).
* **Mounting Position:** Any.
### 3. Internal Circuitry
Internally, the DF110M consists of four silicon rectifying diodes connected in a **Bridge Configuration**.
```text
AC Input (~) ----|>|---- (+) DC Output
| (D1) |
|----|<|---- (-) DC Output
(D2)
AC Input (~) ----|>|---- (+) DC Output
| (D3) |
|----|<|---- (-) DC Output
(D4)
```
### 4. Common Applications
* **AC/DC Adapters:** Converting wall outlet power for small electronics.
* **SMPS (Switching Mode Power Supplies):** Acting as the primary rectification stage.
* **LED Drivers:** Providing stable DC current for lighting arrays.
* **Home Appliances:** Used in the control boards of microwave ovens, fans, and washers.
---
- ⤷What is the difference between DF110M and DF10S?
- ⤷ How do I calculate the heat dissipation for a DF110M in a circuit?
- ⤷ Can the DF110M be used in high-frequency switching applications?