Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DF152S-

  • AI
    The **DF152S** is a specific model of a **Miniature Surface Mount Glass Passivated Single-Phase Bridge Rectifier**. It is widely used in power supplies to convert Alternating Current (AC) into Direct Current (DC). --- ## 1. Core Technical Specifications The part number "DF152S" follows a standard naming convention where "15" typically refers to the current and "2" refers to the voltage rating. | Parameter | Value | | :--- | :--- | | **Max Average Forward Rectified Current** | 1.5 Amperes | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 Volts | | **Maximum RMS Voltage** | 140 Volts | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes (8.3ms single half sine-wave) | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | DFS (Surface Mount) | --- ## 2. Pin Configuration and Internal Structure The DF152S consists of four diodes arranged in a bridge configuration inside a single 4-pin package. ### Pinout Diagram | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **+** | DC Positive Output | | 2 | **-** | DC Negative Output (Ground) | | 3 | **~** | AC Input (Phase/Neutral) | | 4 | **~** | AC Input (Phase/Neutral) | --- ## 3. Key Features * **Glass Passivated Junction:** The internal diode chips are coated with a layer of glass to ensure high reliability and stability against moisture and contaminants. * **Low Forward Voltage Drop:** This minimizes power loss and heat generation during operation. * **High Surge Capacity:** It can handle temporary spikes in current (up to 50A) without failing. * **SMD Design:** The "S" suffix indicates it is a surface-mount device, ideal for automated PCB assembly and compact electronic designs. --- ## 4. Typical Applications The DF152S is commonly found in the "front-end" of power circuits: * **AC/DC Adapters:** Converting wall outlet power for laptops or phones. * **LED Lighting:** Rectifying AC for LED drivers. * **Battery Chargers:** Initial rectification stage. * **Small Appliances:** Powering internal control boards in microwaves or fans. --- ## 5. Usage Example (Circuit Context) In a standard circuit, the AC input is connected to the two center pins (~). A smoothing capacitor is usually placed across the output pins (+ and -) to reduce the voltage ripple. ```text AC Input (110V/220V) --> [DF152S Bridge] --> [Filter Capacitor] --> DC Output ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DF152S and the DF154S?
    • ⤷ Can I use a DF152S for a 220V AC mains application?
    • ⤷ What is the recommended footprint or land pattern for the DFS package?