DFE201210U-R33M#
AI

The **DFE201210U-R33M#** is a high-performance, miniature power inductor manufactured by **Murata Electronics**. It belongs to the DFE series, which utilizes metal alloy magnetic materials to handle high currents in a compact footprint.
---
### 1. General Specifications
Below are the core technical parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 21 mΩ |
| **Rated Current (Isat)** | 5.2 A (Max) |
| **Rated Current (Itemp)** | 4.3 A (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Case Code (Inch/Metric)** | 0805 / 2012 |
---
### 2. Physical Dimensions
The "201210" in the part number indicates the physical size of the component:
* **Length (L):** 2.0 mm
* **Width (W):** 1.2 mm
* **Thickness (T):** 1.0 mm (Max)
---
### 3. Key Features & Material Science
Unlike traditional ferrite inductors, the DFE series uses a **Metal Alloy Core**. This provides several advantages:
* **Soft Saturation:** The inductance does not drop abruptly when the current increases, ensuring stable performance in power-hungry circuits.
* **Low DC Resistance (DCR):** The flat wire or optimized internal structure reduces energy loss as heat.
* **Magnetic Shielding:** The construction inherently minimizes electromagnetic interference (EMI), which is critical for densely packed PCBs.
---
### 4. Typical Applications
This inductor is specifically designed for high-frequency DC-DC converters. Common use cases include:
1. **Smartphones & Tablets:** Power management modules (PMICs) for CPUs and GPUs.
2. **Wearables:** Efficient voltage regulation in space-constrained IoT devices.
3. **Portable Electronics:** SSDs and handheld gaming consoles where low-profile components are required.
---
### 5. Part Number Breakdown
The suffix/code can be interpreted as follows:
`DFE` (Series) + `201210` (Size) + `U` (Material Code) + `R33` (0.33µH) + `M` (±20% Tolerance)
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the DFE series?
- ⤷ How does a metal alloy core compare to a standard ferrite core in terms of EMI?