DFE201210U-R47M
AI

The **DFE201210U-R47M** is a high-performance, miniature power inductor manufactured by **Murata Electronics**. It is part of the DFE201210U series, specifically designed for high-efficiency DC-DC conversion in space-constrained electronic devices.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **DFE** | Series Name | Metal alloy core, low profile |
| **2012** | Case Size (Metric) | 2.0mm x 1.25mm |
| **10** | Height | 1.0mm (max) |
| **U** | Design Code | Internal design reference |
| **R47** | Inductance Value | 0.47 µH |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
Below are the primary electrical parameters for the R47M variant:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **DC Resistance (DCR)** | 31 mΩ (Max) / 26 mΩ (Typ) |
| **Rated Current (Isat)** | 4.4 A (based on 30% inductance drop) |
| **Rated Current (Itemp)** | 3.6 A (based on 40°C temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Metal Alloy (Iron Powder) |
---
### 3. Key Features and Advantages
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, the metal alloy core allows for **soft saturation** characteristics. This means the inductance drops gradually rather than abruptly when the current increases.
* **Magnetic Shielding:** The structure is naturally shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components—crucial for dense PCB layouts.
* **High Current Density:** Despite its small "0805" (2012 metric) footprint, it can handle significant current (up to 4.4A peak), making it ideal for power stages.
* **Low DCR:** The low direct current resistance ensures minimal power loss through heat, extending battery life in portable devices.
---
### 4. Common Applications
This specific inductor is typically found in the following circuits:
1. **Smartphone PMICs:** Used in buck converters for CPUs, GPUs, and high-speed memory.
2. **Wearable Tech:** Ideal for smartwatches and fitness trackers due to the 1.0mm ultra-low profile.
3. **Portable Medical Devices:** Where high reliability and small size are required.
4. **SSD Modules:** Used in the power management stage of Solid State Drives.
---
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended soldering land patterns for the 2012 metric size?