DFE201210U-R68M#
AI

The **DFE201210U-R68M#** is a high-performance power inductor manufactured by **Murata Manufacturing Co., Ltd.** It is part of the DFE series, which utilizes metal alloy materials to achieve high current ratings in a miniature footprint.
---
### 1. General Specifications
This component is primarily used in DC-DC converters for power management in mobile electronics.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **Case Size (Metric)** | 2012 (2.0 x 1.2 mm) |
| **Height (Max)** | 1.0 mm |
| **DC Resistance (Max)** | 35 mΩ |
| **Rated Current (Isat)** | 3.9 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 3.1 A (Based on Temperature rise) |
| **Operating Temperature** | -40°C to 125°C |
---
### 2. Key Features and Construction
* **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal powder core. This provides **soft saturation characteristics**, meaning the inductance drops gradually as current increases rather than dropping sharply.
* **Magnetic Shielding:** The molded construction naturally provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Compact Low Profile:** The "2012" size (0805 in inches) with a 1.0mm height is optimized for space-constrained devices like smartphones, tablets, and wearables.
* **High Current Handling:** Despite its small size, the metal alloy allows it to handle significantly higher currents than standard ferrite chips of the same dimensions.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Code | Meaning |
| :--- | :--- |
| **DFE** | Series Name (Metal Alloy Power Inductor) |
| **201210** | Dimensions (2.0mm x 1.2mm x 1.0mm) |
| **U** | Product Internal Code |
| **R68** | Inductance Value (R68 = 0.68 µH) |
| **M** | Tolerance (M = ±20%) |
| **#** | Packaging/Special Specification Code |
---
### 4. Typical Applications
1. **Smartphones/Tablets:** Used in the POL (Point of Load) circuits for CPUs and GPUs.
2. **Wearables:** Ideal for smartwatches due to the ultra-low profile.
3. **Communication Modules:** Power supply lines for Wi-Fi and Bluetooth chips.
4. **SSD/Storage:** Power management for high-speed data drives.
- ⤷
What are the main differences between metal alloy and ferrite core inductors?
- ⤷ How does the 'Isat' current rating differ from the 'Itemp' rating in this datasheet?
- ⤷ Are there automotive-grade equivalents for the DFE201210 series?