DFE201610E-R33M#
AI

The **DFE201610E-R33M#** is a high-performance, metal alloy inductor manufactured by **Murata Manufacturing Co., Ltd.** It is part of the DFE201610E series, designed specifically for power circuits in compact electronic devices like smartphones and tablets.
---
### 1. General Specifications
The part number encodes specific technical characteristics. Here is the breakdown of its primary electrical and physical attributes:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Case Size (EIA)** | 0806 |
| **Dimensions (L x W x T)** | 2.0 x 1.6 x 1.0 mm |
| **DC Resistance (Rdc)** | 26 mΩ (Max) |
| **Rated Current (Isat)** | 5.2 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 3.8 A (Based on Temperature rise) |
| **Operating Temp Range** | -40°C to +125°C |
---
### 2. Key Material and Construction
Unlike traditional ferrite inductors, the DFE series utilizes a **metal alloy (iron powder) core**.
* **Magnetic Powder Core:** The core is made of a metal magnetic material that offers superior magnetic saturation characteristics compared to ferrite.
* **Monolithic-like Structure:** The coil is embedded within the metal powder, providing high mechanical strength and excellent shielding.
* **Low Magnetic Flux Leakage:** The closed magnetic circuit design minimizes Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Applications and Use Cases
This component is typically used in high-frequency DC-DC converters where space is limited and efficiency is critical.
* **Smartphones & Wearables:** Power management units (PMICs) for CPU/GPU cores.
* **IoT Devices:** Battery-powered modules requiring compact footprints.
* **SSD/HDD Power Rails:** High-current power lines that require low DC resistance to prevent energy loss.
---
### 4. Part Number Decoder
Understanding the Murata nomenclature for this part:
| Code | Meaning |
| :--- | :--- |
| **DFE** | Series name (Metal Alloy Inductor) |
| **201610** | Dimensions (2.0mm x 1.6mm x 1.0mm) |
| **E** | Specific internal characteristic code |
| **R33** | Inductance value (R = decimal point; 0.33 µH) |
| **M** | Tolerance (M = ±20%) |
| **#** | Packaging/Suffix (e.g., Reel size or RoHS status) |
- ⤷What is the difference between a metal alloy core and a ferrite core inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ How does the 'Isat' rating affect the performance of this part in a circuit?