DFE201610P-R68M#
AI

The **DFE201610P-R68M#** is a high-performance, miniature fixed inductor manufactured by **Murata Electronics**. It is part of the DFE201610P series, specifically designed for power circuits where space is limited and high efficiency is required.
---
### 1. General Specifications
The part number encodes specific technical details about the component's physical and electrical properties.
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Rated at 1MHz |
| **Tolerance** | ±20% | Indicated by the "M" suffix |
| **Rated Current (Isat)** | 3.6 A | Max current based on inductance change |
| **Rated Current (Itemp)** | 3.0 A | Max current based on temperature rise |
| **DC Resistance (RDC)** | 38 mΩ (Max) | Internal resistance of the coil |
| **Operating Temp** | -40°C to 125°C | Includes self-heating |
---
### 2. Key Features & Construction
The DFE201610P series utilizes specific engineering techniques to optimize performance for modern mobile electronics:
* **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal alloy powder. This provides **soft saturation characteristics**, meaning the inductance drops gradually rather than abruptly when current increases.
* **Magnetic Shielding:** The molded construction provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Low Profile:** The dimensions are extremely small (**2.0 x 1.6 x 1.0 mm**), making it ideal for thin devices like smartphones and wearables.
* **High Current Capability:** Despite its size, the metal alloy core allows it to handle significantly higher currents than standard ferrite inductors of the same size.
---
### 3. Application Use Cases
This component is primarily used in **DC-DC converters** for power management modules.
* **Consumer Electronics:** Smartphones, tablets, and digital cameras.
* **Communication Modules:** Wi-Fi/Bluetooth power supply stages.
* **Wearables:** Smartwatches and IoT sensors where PCB real estate is at a premium.
---
### 4. Part Number Breakdown
The alphanumeric code follows Murata’s standard naming convention:
| Code | Meaning |
| :--- | :--- |
| **DFE** | Series Name (Metal Alloy Type) |
| **2016** | Dimensions (2.0mm x 1.6mm) |
| **10** | Height (1.0mm) |
| **P** | Product process/Internal code |
| **R68** | Inductance Value (R68 = 0.68 µH) |
| **M** | Tolerance (M = ±20%) |
- ⤷What is the difference between Isat and Itemp for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended soldering pad dimensions for the 2016 package?