DFE201612P-R24M_18
AI

The **DFE201612P-R24M=P2** (often abbreviated as DFE201612P-R24M) is a miniature, high-performance fixed inductor manufactured by **Murata Electronics**. It belongs to the metal alloy family of power inductors, specifically designed for high-density DC-DC converter applications.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.24 µH | Measured at 1MHz |
| **Tolerance** | ±20% | Standard for power inductors |
| **DC Resistance (DCR)** | 16 mΩ (Max) | Very low to minimize power loss |
| **Rated Current (Isat)** | 5.3 A | Current at which inductance drops 30% |
| **Rated Current (Itemp)** | 4.4 A | Current causing a 40°C temp rise |
| **Package Size** | 2016 (0806) | 2.0mm x 1.6mm |
| **Height** | 1.2 mm (Max) | Low profile for mobile devices |
| **Material** | Metal Alloy | Magnetic iron powder core |
---
### ### Key Features
1. **Metal Alloy Technology**: Unlike traditional ferrite inductors, this part uses a metal alloy core. This allows for a **soft saturation** characteristic, meaning the inductance decreases gradually as current increases rather than dropping off sharply.
2. **High Current Density**: Despite its tiny footprint (2.0 x 1.6 mm), it can handle over 5 Amps of saturation current, making it ideal for modern power-hungry processors.
3. **Low Magnetic Flux Leakage**: The construction is magnetically shielded, which reduces Electromagnetic Interference (EMI) with surrounding components on a crowded PCB.
4. **Low DC Resistance**: The use of flat wire or optimized winding techniques keeps the DCR low, which improves the overall efficiency of the power supply.
---
### ### Typical Applications
This inductor is primarily found in compact consumer electronics where space is at a premium:
* **Smartphones & Tablets**: Used in the PMIC (Power Management IC) circuits for CPU/GPU cores.
* **Wearables**: Ideal for smartwatches due to the ultra-low 1.2mm height.
* **SSD Storage**: Used in the voltage regulation modules of solid-state drives.
* **IoT Modules**: Provides efficient power conversion for low-power wireless sensors.
---
### ### Part Number Breakdown: `DFE201612P-R24M`
* **DFE**: Murata series name (Metal Alloy Inductor).
* **2016**: Dimensions (2.0mm x 1.6mm).
* **12**: Maximum height (1.2mm).
* **P**: Internal code for design/specification.
* **R24**: Inductance value (R24 = 0.24 microhenries).
* **M**: Tolerance (M = ±20%).
- ⤷
What is the difference between soft saturation and hard saturation in metal alloy inductors?
- ⤷ How does the DCR of this inductor affect the battery life of a mobile device?
- ⤷ Can this inductor be used in automotive applications
- ⤷ or is there a specific AEC-Q200 version?