DFP201612NV-R56M
AI

The **DFP201612NV-R56M** is a high-performance, miniature power inductor typically used in mobile devices and compact electronics. It is manufactured by **Cyntec** (or similar manufacturers following the same naming convention) and belongs to the metal alloy inductor category.
---
### 1. Technical Specifications
The part number encodes specific electrical and physical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.56 µH | Indicated by "R56" |
| **Tolerance** | ±20% | Indicated by "M" |
| **Case Size** | 2016 (Metric) | 2.0mm x 1.6mm |
| **Height** | 1.2mm Max | Indicated by "12" |
| **Material** | Metal Alloy | Low DCR and high saturation current |
| **Structure** | Molded | Shielded construction for low EMI |
---
### 2. Key Features
* **High Current Handling:** Due to the metal powder core, it can handle higher saturation currents compared to traditional ferrite inductors of the same size.
* **Magnetic Shielding:** The molded construction minimizes electromagnetic interference (EMI), which is critical for densely packed circuit boards.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when saturated, metal alloy inductors show a gradual (soft) saturation curve.
* **Low DC Resistance (DCR):** Optimized to reduce power loss and heat generation, increasing overall battery life in portable devices.
---
### 3. Application Use Cases
This component is primarily used in **DC-DC Converter** circuits. Specific applications include:
1. **Smartphones & Tablets:** Powering CPUs, GPUs, and Wi-Fi modules.
2. **Wearables:** Smartwatches and fitness trackers where space is at a premium.
3. **SSD/Storage:** Voltage regulation for high-speed data drives.
4. **IoT Devices:** Providing efficient power management for small-form-factor sensors.
---
### 4. Comparison: Ferrite vs. Metal Alloy (DFP Series)
| Feature | Ferrite Inductor | DFP201612NV-R56M (Metal) |
| :--- | :--- | :--- |
| **Saturation** | Sharp drop-off | Gradual (Soft) saturation |
| **Size** | Larger for same current | Ultra-compact |
| **EMI** | Higher leakage | Very low (Shielded) |
| **Efficiency** | Good at low loads | Excellent at high loads |
- ⤷
What is the maximum saturation current (Isat) for this specific inductor?
- ⤷ Can you provide the footprint layout (land pattern) dimensions for a PCB?
- ⤷ What are the common alternatives or equivalents for the DFP201612NV series?