DFP252010BF-R24M
AI

The **DFP252010BF-R24M** is a high-performance power inductor, typically manufactured by **Cyntec** (or similar manufacturers following this naming convention). It is a surface-mount device (SMD) designed specifically for DC-DC conversion in compact electronic devices.
### 1. Part Number Breakdown
Understanding the alphanumeric code explains the physical and electrical characteristics:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **DFP** | Series Code | High-current, low-profile metal alloy inductor series. |
| **2520** | Case Size | Dimensions: 2.5mm x 2.0mm. |
| **10** | Height | 1.0mm maximum thickness. |
| **BF** | Material/Design | Specific internal material composition (usually metal powder). |
| **R24** | Inductance Value | **0.24 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Key Technical Specifications
These parameters define how the part performs under electrical load:
* **Inductance:** 0.24 µH.
* **Operating Temperature:** Generally -40°C to +125°C.
* **Material:** Metal Alloy (Molding type), which offers superior saturation characteristics compared to traditional ferrite.
* **Saturation Current (Isat):** The current at which inductance drops by a specific percentage (e.g., 30%). For this part, it is typically very high for its size (often >6A).
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
---
### 3. Features and Advantages
#### A. Metal Alloy Construction
Unlike standard ferrite inductors, the "Molding" type uses metal powder. This results in **Soft Saturation**—the inductance decreases gradually as current increases, rather than dropping off sharply. This prevents sudden circuit failure during current spikes.
#### B. Electromagnetic Shielding
The molded construction naturally provides magnetic shielding, which reduces Electromagnetic Interference (EMI) with neighboring components on a crowded PCB.
#### C. Low Profile
With a height of only 1.0mm, it is ideal for:
* Smartphones and Tablets.
* Wearable technology (Smartwatches).
* Thin SSDs (Solid State Drives).
---
### 4. Typical Applications
This component is primarily used in **Point-of-Load (POL)** power modules and **DC-DC Buck Converters**:
1. **CPU/GPU Power Rails:** Providing stable current to high-speed processors.
2. **Battery Management Systems:** Efficiently converting battery voltage to lower logic levels.
3. **Wi-Fi/Bluetooth Modules:** Ensuring clean power with minimal noise.
- ⤷
What is the difference between Isat (Saturation Current) and Irms (Heating Current) for this inductor?
- ⤷ How does the metal alloy core compare to a traditional ferrite core in terms of EMI?
- ⤷ What are the recommended soldering profiles for the 2520 case size?