DFP3012EF-R47M
AI

The **DFP3012EF-R47M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It is designed for high-frequency applications where space is limited and efficiency is critical.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~18-24 mΩ (Typical) |
| **Saturation Current (Isat)** | ~5.5A to 6.5A |
| **Rated Current (Irms)** | ~4.5A to 5.0A |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size** | 3.0 x 3.0 x 1.2 mm |
---
### 2. Key Features and Materials
* **Metal Alloy Core:** Unlike traditional ferrite inductors, this part usually utilizes a metal powder/alloy core. This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than sharply when current increases.
* **Low Profile:** The "12" in the part number indicates a maximum height of 1.2mm, making it ideal for thin electronics like smartphones or tablets.
* **Magnetic Shielding:** The structure is shielded to minimize Electromagnetic Interference (EMI), which is vital for high-density PCB layouts.
---
### 3. Application Use Cases
This component is typically found in the power management stage of modern electronics:
1. **Buck Converters:** Used as the energy storage element in step-down voltage regulators.
2. **Mobile Devices:** Powering CPUs and GPUs in smartphones where high ripple current handling is needed in a small footprint.
3. **SSD Drives:** Providing stable power rails for NAND flash and controllers.
4. **IoT Modules:** Efficient power conversion for battery-operated wireless sensors.
---
### 4. Part Number Breakdown
`DFP` `3012` `EF` `-` `R47` `M`
* **DFP:** Series designation (typically Metal Alloy Power Inductor).
* **3012:** Dimensions (3.0mm length/width, 1.2mm height).
* **EF:** Environmental/Internal coating code (Lead-free/RoHS).
* **R47:** Inductance value (R = decimal point; 0.47 microhenries).
* **M:** Tolerance code (M = ±20%).
- ⤷
What are the main advantages of a metal alloy core over a ferrite core in inductors?
- ⤷ How does the 'soft saturation' property affect circuit stability?
- ⤷ Which manufacturers produce equivalent alternatives to the DFP3012EF series?