DI152S
AI

The **DI152S** is a specific electronic component belonging to the category of **Bridge Rectifiers**. It is commonly used in power supplies to convert alternating current (AC) into direct current (DC).
---
## 1. Component Overview
The DI152S is a surface-mount (SMD) bridge rectifier housed in a **DF-S package**. It consists of four integrated diodes connected in a bridge configuration.
### Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Maximum Peak Reverse Voltage** | 200V | The maximum voltage it can withstand in reverse bias. |
| **Maximum RMS Voltage** | 140V | The maximum continuous AC voltage input. |
| **Forward Current ($I_F$)** | 1.5A | The maximum average rectified output current. |
| **Peak Surge Current ($I_{FSM}$)** | 50A | Maximum current for a brief 8.3ms pulse. |
| **Package Type** | DF-S | A low-profile surface mount package. |
| **Operating Temperature** | -55 to +150°C | The range of heat the device can safely handle. |
---
## 2. Key Features
* **High Efficiency:** Low forward voltage drop (typically around 1.0V per diode), which minimizes power loss.
* **Compact Design:** The SMD footprint saves significant PCB space compared to through-hole rectifiers.
* **Glass Passivated Junction:** The internal silicon chips are coated with glass to improve reliability and stability under high temperatures.
* **Safety Compliance:** Most versions are UL recognized and lead-free (RoHS compliant).
---
## 3. Pin Configuration
The DI152S has 4 pins, usually marked on the body of the component:
1. **AC (~):** AC Input terminal.
2. **AC (~):** AC Input terminal.
3. **Positive (+):** Rectified DC positive output.
4. **Negative (-):** Rectified DC negative output (Ground).
---
## 4. Common Applications
Because of its 1.5A rating and small size, the DI152S is ideal for:
* **AC/DC Adapters:** Used in chargers for smartphones and laptops.
* **LED Lighting:** Converting mains power to DC for LED drivers.
* **Consumer Electronics:** Power boards for TVs, monitors, and set-top boxes.
* **Home Appliances:** Small power supplies within microwaves or washing machines.
---
- ⤷
What is the difference between the DI152S and the DI1510S?
- ⤷ Can I substitute a through-hole bridge rectifier for a DI152S?
- ⤷ How do I calculate the power dissipation of this bridge rectifier in my circuit?