DL8-B-R/C02
AI

The **DL8-B-R/C02** is a specific model within the **DL8 Series** of Web Data Loggers manufactured by **M-System**. These devices are industrial-grade remote I/O modules designed to collect data from the field and transmit it via Ethernet using web-based protocols.
### 1. Technical Specifications Overview
The model code "DL8-B-R/C02" can be broken down into its functional electronic components:
| Component Code | Description | Electronic Function |
| :--- | :--- | :--- |
| **DL8** | Series Name | Web Data Logger Main Unit |
| **B** | Type | Type B (Advanced functions like FTP/Email) |
| **R** | Power Input | 24V DC Power Supply |
| **C02** | Connectivity | Ethernet Interface (Standard RJ-45) |
---
### 2. Key Electronic Features
The internal circuitry and external interfaces of the DL8-B-R/C02 are designed for high reliability in industrial environments.
#### A. Communication Interfaces
* **Ethernet Port:** Uses an RJ-45 connector (10BASE-T/100BASE-TX). It supports protocols such as HTTP (for the web browser interface), FTP (for data file transfer), and SMTP (for alarm emails).
* **Modbus Support:** Acts as a Modbus/TCP Master or Slave, allowing it to communicate with other PLCs or sensors.
* **SD Card Slot:** Includes internal circuitry for writing data to an SD card for local logging/backup.
#### B. Power & Isolation
* **Supply Voltage:** 24V DC (±10%).
* **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute (between power and ground).
* **Internal Protection:** Features surge protection and noise filtering to prevent data corruption from electromagnetic interference (EMI).
#### C. Input/Output (I/O) Integration
While the DL8 is a communication hub, it connects to "R8 series" I/O modules via a side-connector bus. The electronics manage:
1. **Analog Inputs:** 4-20mA or 0-10V signals (converted via A/D converters).
2. **Discrete I/O:** Optoisolated inputs for status monitoring and relay outputs for control.
---
### 3. Electronic Block Diagram Logic
The device operates through three main electronic layers:
1. **Processing Layer:** A high-speed microprocessor manages the embedded web server and data polling logic.
2. **Storage Layer:** Non-volatile internal memory stores configuration, while the SD card handles historical trend data.
3. **Interface Layer:** Physical PHY chips handle Ethernet communication and logic level shifting for the I/O bus.
---
### 4. Application Hardware Setup
| Component | Function |
| :--- | :--- |
| **Internal Clock** | Real-time clock (RTC) with battery backup for timestamping data. |
| **LED Indicators** | Visual diagnostics for Power, Run, Error, and Network Link/Activity. |
| **DIP Switches** | Physical switches behind the front cover for setting hardware initialization or IP reset. |
- ⤷
How do you configure the IP address for the DL8-B-R/C02 for the first time?
- ⤷ What is the maximum number of I/O points this unit can handle through expansion?
- ⤷ Does this model support cellular data transmission or only wired Ethernet?