Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DLLFS

  • AI
    In the context of electronics and circuit protection, **DLLFS** typically refers to **Dual-Element, Low-Voltage, Limiting Fuses**. These are specialized safety components used to protect electrical systems from overcurrent and short circuits. --- ## 1. Key Components and Design A DLLFS fuse is "Dual-Element" because it contains two distinct internal mechanisms designed to handle different types of electrical faults. | Component | Function | Reaction Type | | :--- | :--- | :--- | | **Thermal Cutout** | Handles low-level overloads (e.g., a motor stalling). | Slow-acting (Time-delay) | | **Fuse Link (Zinc/Copper)** | Handles high-level short circuits. | Fast-acting (Current-limiting) | | **Arc Quenching Material** | Silica sand or similar filler to extinguish electrical arcs. | Safety/Suppression | --- ## 2. Technical Characteristics These parts are defined by their ability to "limit" the peak current allowed to flow through a circuit before it causes damage. ### A. Time-Delay Feature DLLFS parts are designed to ignore temporary "inrush" currents. For example, when a motor starts, it may pull 5x its normal current for a fraction of a second. A standard fuse might blow, but a DLLFS waits to see if the current drops back to normal levels. ### B. Current Limiting If a massive short circuit occurs, the fuse reacts in less than half a cycle (less than 0.008 seconds). It physically breaks the circuit before the current can reach its full destructive potential. --- ## 3. Comparison Table | Feature | Standard Fuse | DLLFS (Dual-Element) | | :--- | :--- | :--- | | **Reaction to Inrush** | Blows immediately | Permits temporary surge | | **Short Circuit Protection** | High | Ultra-High (Current Limiting) | | **Internal Parts** | Single link | Thermal spring + Notch link | | **Best Application** | Resistive loads (Lights) | Inductive loads (Motors/Transformers) | --- ## 4. Example Identification (Part Numbering) While "DLLFS" is a category, you will often see them labeled under specific industry standards like **UL Class RK1 or RK5**. ```text Example Labeling: - Brand: Bussmann / Littelfuse - Rating: 600VAC / 100A - Interrupting Rating: 200,000 Amps - Type: Dual-Element Time-Delay ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between RK1 and RK5 DLLFS fuses?
    • ⤷ How do I calculate the correct amperage rating for a motor protection fuse?
    • ⤷ Can a DLLFS fuse be reused after the thermal element trips?