DM05CA102DO3-ST-R02
AI

The part number **DM05CA102DO3-ST-R02** typically refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE) or a similar specialized manufacturer. These components are renowned for their stability and low loss in RF (Radio Frequency) applications.
---
### 1. Technical Specifications Breakdown
| Parameter | Specification | Description |
|:---|:---|:---|
| **Capacitance** | 1000 pF (1nF) | Indicated by "102" (10 followed by 2 zeros) |
| **Tolerance** | ±0.5 pF or ±0.5% | High precision for stable timing/tuning |
| **Voltage Rating** | 500V DC (Typical for DM05) | High dielectric strength |
| **Dielectric Material** | Silver Mica | Mineral-based, highly stable |
| **Case Style** | DM05 (Dipped) | Compact radial leaded package |
| **Operating Temp** | -55°C to +125°C | Industrial/Military grade range |
---
### 2. Key Features
* **Temperature Stability:** Mica capacitors have an extremely low temperature coefficient, meaning their capacitance value stays constant even as heat fluctuates.
* **Low Loss (High Q):** They exhibit very low dissipation factors, making them ideal for high-frequency oscillators and filters.
* **Tight Tolerance:** Unlike ceramic capacitors which can vary wildly, these are often produced with 1% or 0.5% precision.
* **Non-Aging:** Silver Mica does not degrade significantly over time compared to electrolytic or some ceramic dielectrics.
---
### 3. Application Use Cases
1. **RF Oscillators:** Used to set the frequency in radio transmitters and receivers.
2. **Filter Networks:** Excellent for band-pass and low-pass filters where sharp cutoff frequencies are required.
3. **Snubber Circuits:** Used in high-voltage pulse applications due to their ability to handle dV/dt (voltage spikes).
4. **Audio Equipment:** Sometimes used in high-end tube amplifiers for signal coupling where "transparency" is desired.
---
### 4. Comparison with Other Capacitors
| Feature | Silver Mica (DM05) | Ceramic (MLCC) | Film Capacitor |
|:---|:---|:---|:---|
| **Stability** | Excellent | Poor to Good | Good |
| **Size** | Large/Bulky | Very Small | Medium |
| **Cost** | Expensive | Very Cheap | Moderate |
| **Voltage** | High | Low to High | Moderate |
- ⤷
What is the significance of the 'ST-R02' suffix in the manufacturer's coding?
- ⤷ Are there modern SMD alternatives to these leaded mica capacitors?
- ⤷ How does the 'Q factor' of a mica capacitor impact RF circuit performance?