DM05CY151DO3-SA-R02
AI

Based on the technical nomenclature, the **DM05CY151DO3-SA-R02** appears to be a specialized **Mica Capacitor** manufactured by **Soshin Electric**.
These components are known for high stability, precision, and low loss in high-frequency circuits.
---
## Technical Specifications Breakdown
The part number follows a specific coding convention. Below is a breakdown of the likely technical parameters:
| Feature | Value / Description | Details |
| :--- | :--- | :--- |
| **Type** | Mica Capacitor | High-stability dielectric material. |
| **Capacitance** | **150 pF** (151) | Code "151" = 15 followed by one zero. |
| **Tolerance** | **±0.5pF** or **±5%** | Likely "D" or "J" class depending on the series. |
| **Voltage Rating** | **50V - 500V** | Standard range for the DM05 series. |
| **Case Style** | **DM05** | Dipped radial leaded package. |
| **RoHS Status** | Compliant | Indicated by the suffix codes (R02). |
---
## Key Characteristics
### 1. Stability and Precision
Mica capacitors are chosen for their excellent temperature coefficient. They exhibit very little change in capacitance over a wide range of operating temperatures, making them ideal for timing and oscillator circuits.
### 2. High Q Factor
These parts have extremely low dielectric loss (High Q). This means they do not dissipate much energy as heat, even when operating at high frequencies (RF).
### 3. Reliability
Unlike electrolytic or some ceramic capacitors, mica capacitors do not age significantly. They maintain their value for decades and are resistant to "voltage soaking" (dielectric absorption).
---
## Common Applications
* **RF Oscillators:** Used to set frequency in radio transmitters and receivers.
* **Filter Networks:** Critical for sharp cutoff frequencies in tuned circuits.
* **Snubber Circuits:** Protection in high-speed switching power supplies.
* **Audio Equipment:** Used in high-end audio for minimal signal distortion.
---
## Comparison with Ceramic Capacitors
| Feature | Mica (DM05 Series) | Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Stability** | Excellent | Varies (High for NP0/C0G) |
| **Self-Inductance** | Low | Very Low |
| **Longevity** | Very High | High |
| **Size** | Larger (Leaded) | Smaller (SMD) |
- ⤷
What is the maximum operating temperature for the DM05 series?
- ⤷ Can this capacitor be replaced with a C0G/NP0 ceramic equivalent?
- ⤷ What does the 'SA' suffix specifically denote in Soshin part numbers?