DM10CD151KO3-RHR02
AI

The part number **DM10CD151KO3-RHR02** refers to a high-precision **Mica Capacitor**. These components are known for their extreme stability, high reliability, and excellent performance in Radio Frequency (RF) applications.
---
## 1. Technical Specifications Breakdown
The following table outlines the specific electrical characteristics of this component:
| Characteristic | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 150 pF | The energy storage capacity. |
| **Tolerance** | ±10% (K) | The allowable variance from the rated capacitance. |
| **Voltage Rating** | 500V DC | The maximum continuous voltage the part can handle. |
| **Dielectric Material** | Silver Mica | Provides excellent temperature stability and low loss. |
| **Mounting Type** | Through-Hole | Radial leaded configuration for PCB insertion. |
| **Operating Temp** | -55°C to +125°C | Designed for extreme industrial/military environments. |
---
## 2. Part Number Deciphering
While manufacturers (such as CDE - Cornell Dubilier) have slight variations, the nomenclature generally follows this logic:
* **DM10**: Refers to the physical case size and style (Standard Dipped Mica).
* **CD**: Designates the temperature coefficient and characteristic.
* **151**: The capacitance code. The first two digits (15) are significant figures, and the third (1) is the multiplier ($15 \times 10^1 = 150$ pF).
* **K**: The tolerance code (K = ±10%).
* **O3**: Typically refers to the working voltage (500V).
* **RHR02**: Usually a manufacturer-specific suffix indicating RoHS compliance, packaging (like ammo pack or bulk), or specific lead forming.
---
## 3. Key Advantages of Mica Capacitors
Mica capacitors like the DM10 series are chosen over ceramic or electrolytic types for specific reasons:
1. **High Precision:** They maintain their value over long periods (very low aging rate).
2. **Low Dissipation Factor:** They exhibit very low losses at high frequencies, making them ideal for RF oscillators and filters.
3. **Temperature Stability:** The capacitance changes very little as the temperature fluctuates.
4. **Voltage Resistance:** They are robust against high-voltage spikes compared to similar-sized ceramic capacitors.
---
## 4. Common Applications
* **RF Tuning Circuits:** Used in radio transmitters and receivers.
* **Pulse Circuits:** High-speed handling of energy bursts.
* **Resonant Filters:** Providing sharp frequency cut-offs.
* **Audio Equipment:** Used in high-end amplifiers to maintain signal purity.
- ⤷
What are the main differences between Silver Mica and C0G/NP0 Ceramic capacitors?
- ⤷ Can this capacitor be used in AC power filtering applications?
- ⤷ Is there a lead-free (RoHS) equivalent for this specific part number?