Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DM19CA151DO3-ST-R02

  • AI
    Based on the part number provided, this component appears to be a specialized **Direct-Modulated (DM)** Laser Diode or Optical Subassembly, commonly used in high-speed fiber optic communication networks (like CATV, FTTH, or 5G fronthaul). Below is a breakdown of the electronic and physical characteristics typically associated with this series of components. --- ## 1. Component Identification The part number follows a specific nomenclature used in the photonics industry. | Attribute | Description | | :--- | :--- | | **Component Type** | DFB (Distributed Feedback) Laser Module | | **Wavelength** | Typically 1510nm (indicated by "151") | | **Form Factor** | TOSA (Transmitter Optical Subassembly) or Butterfly Package | | **Modulation** | Direct Modulation (DM) | --- ## 2. Key Electronic Features ### A. Laser Diode Characteristics * **Operating Wavelength:** 1510 nm (CWDM band). * **Optical Output Power:** Usually ranges between 2mW to 10mW depending on the specific bias current. * **Threshold Current ($I_{th}$):** Low threshold, typically between 8mA and 15mA at room temperature. ### B. Internal Monitoring Most modules in this series include a **Monitor Photodiode (MPD)**. * **Function:** It measures the back-facet light from the laser to provide feedback to the driver circuit. * **Benefit:** Allows for Automatic Power Control (APC) to keep output power stable despite temperature fluctuations. ### C. Thermal Management The "ST" or "R" suffix often indicates the inclusion of: * **TEC (Thermo-Electric Cooler):** An internal Peltier element used to stabilize the laser temperature. * **Thermistor:** A 10kΩ NTC resistor used to monitor the internal temperature for the TEC controller. --- ## 3. Electrical Pinout (Typical) *Note: Consult the specific manufacturer datasheet for exact pin mapping.* | Pin Category | Description | | :--- | :--- | | **LD Bias** | Laser Diode Anode/Cathode for DC bias current. | | **RF Input** | High-speed signal input (usually 50Ω impedance matched). | | **TEC +/-** | Power pins for the internal cooler. | | **Thermistor** | Temperature sensing leads. | | **Monitor PD** | Photodiode leads for power tracking. | --- ## 4. Application Areas * **CATV Return Path:** Sending signals from the subscriber back to the headend. * **CWDM Systems:** Used in Coarse Wavelength Division Multiplexing to increase fiber capacity. * **LTE/5G Base Stations:** High-speed data transmission between BBU and RRU. ---
    ✨ Follow-up Questions
    • ⤷ Does this component require an external optical isolator for stable operation?
    • ⤷ What is the maximum modulation bandwidth supported by this specific laser model?
    • ⤷ Can you provide a wiring diagram for the internal TEC and Thermistor?