DM19CC100DO3-ST-R02
AI

Based on the part number provided, this component belongs to the **CDE (Cornell Dubilier)** mica capacitor series. Specifically, it is a high-precision **Standard Dipped Silver Mica Capacitor**.
---
## 1. Part Number Breakdown
The alphanumeric string represents specific physical and electrical characteristics:
| Code Segment | Description | Detail |
| :--- | :--- | :--- |
| **DM** | Case Series | Standard Dipped Mica |
| **19** | Case Size | Approx. 11.4 x 11.4 mm |
| **C** | Temperature Coefficient | -20 to +100 ppm/°C |
| **C** | Voltage Rating | 300 VDC |
| **100** | Capacitance Value | 10 pF (First two digits are significant; last is multiplier) |
| **D** | Capacitance Tolerance | ±0.5 pF |
| **O3** | Temperature Range | -55°C to +125°C |
| **ST** | Lead Style | Straight Leads |
| **R02** | Packaging/Special | Specific reel or internal manufacturing code |
---
## 2. Technical Specifications
This capacitor is designed for high stability and low loss in RF and precision analog circuits.
* **Capacitance:** 10 pF
* **Tolerance:** ±0.5 pF (High precision)
* **Voltage:** 300 Volts DC
* **Dielectric Material:** Natural Silver Mica
* **Operating Temperature:** -55°C to +125°C
* **Termination:** Dipped epoxy coating with tinned copper leads.
---
## 3. Key Characteristics
### Stability
Silver mica capacitors are renowned for their extreme stability. The capacitance value does not drift significantly with time, voltage, or temperature fluctuations.
### Low Loss (High Q Factor)
They exhibit very low dissipation factors, making them ideal for high-frequency (RF) applications where energy loss must be minimized.
### High Reliability
The epoxy dipping provides excellent moisture and shock resistance, ensuring a long operational life in demanding environments.
---
## 4. Typical Applications
* **RF Circuits:** Oscillators, filters, and tuned circuits.
* **Pulse Handling:** Snubber circuits and high-speed pulse applications.
* **Precision Timing:** Used in circuits requiring tight tolerances and no "memory effect" (dielectric absorption).
* **Audio Equipment:** High-end audio filters where signal purity is critical.
---
- ⤷What is the difference between silver mica and ceramic capacitors?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ What are the common alternatives if this specific part is out of stock?