DMF-XX-R-N
AI

The **DMF-XX-R-N** is a specific series identifier typically associated with **D-Subminiature (D-Sub) high-density connectors**. These are widely used in industrial, telecommunications, and computing applications for signal and power transmission.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Component Overview
The "XX" in the part number usually represents the **number of pins** (e.g., 09, 15, 25, 37, or 50). The "R" and "N" suffixes generally denote specific physical orientations and plating materials.
| Feature | Description |
| :--- | :--- |
| **Connector Type** | D-Subminiature (High Density or Standard) |
| **Mounting Type** | Through-hole (Right Angle / Vertical) |
| **Contact Gender** | Male (Plug) or Female (Socket) |
| **Plating** | Nickel (N) / Gold (G) options |
---
### 2. Electrical Specifications
These connectors are designed to handle low-voltage signals with high reliability.
* **Current Rating:** Typically 3A to 5A per contact.
* **Voltage Rating:** 250V AC/DC.
* **Insulation Resistance:** $\ge$ 1000 M$\Omega$ at 500V DC.
* **Contact Resistance:** $\le$ 20 m$\Omega$ (initial).
* **Dielectric Strength:** 1000V AC for 1 minute.
---
### 3. Physical & Material Composition
The build quality of the DMF series ensures durability under mechanical stress.
| Part | Material |
| :--- | :--- |
| **Insulator** | PBT (Polybutylene Terephthalate) or Nylon-9T (High Temp) |
| **Contact Material** | Copper Alloy (Brass or Phosphor Bronze) |
| **Shell** | SPCC (Steel) with Nickel or Tin plating |
| **Flammability** | UL 94V-0 Rated |
---
### 4. Common Pin Configurations
High-density D-subs pack more pins into standard shell sizes compared to traditional D-subs.
```text
Shell Size | Standard Pins | High Density (DMF Equivalent)
-----------|---------------|------------------------------
E | 9 | 15
A | 15 | 26
B | 25 | 44
C | 37 | 62
```
---
### 5. Application Areas
* **Industrial PC (IPC):** Used for RS-232, RS-422, or RS-485 serial communication.
* **VGA Interfaces:** Many 15-pin DMF-type connectors serve as analog video ports.
* **Automation:** Interfacing PLCs (Programmable Logic Controllers) with HMI panels.
* **Networking:** Legacy router and switch console ports.
- ⤷
What is the exact pin count for the DMF-15-R-N variant?
- ⤷ Does this connector support high-temperature reflow soldering?
- ⤷ What are the mechanical mounting differences between the 'R' and 'N' suffixes?