DMS-30DR-0-R-C
AI

The **DMS-30DR-0-R-C** is a high-precision digital panel meter manufactured by Murata Power Solutions (formerly Datel). It is specifically designed as a 3.5-digit, self-powered or externally powered DC voltage monitor, often used for industrial process monitoring.
---
### ## Technical Specifications
The following table outlines the primary electronic characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | 3.5 Digit LED (0.56" height) |
| **Display Color** | Red (Standard Intensity) |
| **Input Range** | ±200mV to ±200V (depending on internal configuration) |
| **Power Supply** | +5VDC (Nominal) |
| **Accuracy** | ±0.05% of full scale ±1 count |
| **Sampling Rate** | 2.5 samples per second |
| **Input Impedance** | 1000 MΩ (Typical) |
| **Operating Temp** | 0°C to +60°C |
---
### ### Key Electronic Components & Features
#### 1. Analog-to-Digital Converter (ADC)
At the heart of the unit is a high-performance **dual-slope integrating ADC**. This provides excellent noise rejection (especially 50/60Hz interference) and ensures long-term stability without frequent recalibration.
#### 2. Display Driver & LED Matrix
* **LED Technology:** The "R" in the part number denotes a **Red LED** display.
* **Intensity:** It uses standard-intensity LEDs, which are optimized for indoor visibility.
* **Auto-Polarity:** The electronics automatically detect and display a minus sign (-) for negative inputs.
#### 3. Power Circuitry
The **"0"** in the suffix indicates the power requirement. This specific model typically requires a regulated **+5V DC** supply. The internal circuitry includes:
* **Filtering Capacitors:** To smooth out ripples from the power source.
* **Protection Diodes:** To prevent damage from accidental reverse-polarity connection on the power pins.
#### 4. Signal Conditioning (Resistor Network)
The device uses high-precision, low-drift metal film resistors to define the input voltage range. These resistors ensure that the "counts" displayed on the LED correspond accurately to the millivolts or volts being measured.
---
### ### Pinout Configuration
The back of the unit features a 12-pin dual-in-line (DIP) arrangement.
```markdown
Pin 1: +5V Supply
Pin 2: 5V Return (Ground)
Pin 3: Input Low (Negative side of signal)
Pin 4: Input High (Positive side of signal)
Pin 11: Decimal Point Select (DP1)
Pin 12: Decimal Point Select (DP2)
```
---
### ### Part Number Breakdown
* **DMS-30:** Series Name (3.5 Digit Meter)
* **DR:** Digital Readout
* **0:** 5V Power Supply requirement
* **R:** Red LED Color
* **C:** RoHS Compliant (Lead-Free)
- ⤷
How do I configure the decimal point positions on this meter?
- ⤷ What is the maximum input voltage protection for the DMS-30DR?
- ⤷ Can this model be used to measure AC voltage with additional circuitry?