AI

## Overview of DMS-30DR-3-R-C
The **DMS-30DR-3-R-C** is a high-precision, 3.5-digit digital voltmeter (DVM) manufactured by Murata Power Solutions (formerly Datel). It is part of the DMS-30DR series, known for its "Daylight Readable" red LED display and auto-zeroing technology.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 3.5 Digit Red LED (0.56" height) |
| **Input Range** | ±2V (Full Scale) |
| **Power Supply** | +5V DC (±5% tolerance) |
| **Operating Current** | 100mA (typical), 150mA (max) |
| **Resolution** | 0.001V (1mV) |
| **Accuracy** | ±0.05% of Reading ±1 Count |
| **Package Style** | 12-pin DIP (Dual In-line Package) |
---
### Electronic Components & Internal Architecture
The module is a "complete" system-on-a-module, meaning it integrates several complex sub-circuits into a single compact housing:
#### 1. Analog-to-Digital Converter (ADC)
* **Dual-Slope Integration:** It utilizes a dual-slope integration technique to convert analog voltages into digital signals. This provides high noise rejection (especially 50/60Hz line noise) and excellent stability.
* **Auto-Zeroing:** The internal circuitry automatically compensates for offset errors during every measurement cycle, ensuring the "000" reading is accurate.
#### 2. The LED Display Driver
* **Red LED Segments:** The "R" in the part number signifies the High-Intensity Red LEDs, which are designed to be "Daylight Readable."
* **Multiplexing:** To save power and reduce pin count, the display segments are driven via a multiplexed signal from the internal controller.
#### 3. Voltage Reference
* **Internal Precision Reference:** The module includes an internal temperature-compensated voltage reference. While it is factory-calibrated, the module usually provides a **Reference Out** (Pin 8) and **Reference In** (Pin 9) to allow for external calibration using a potentiometer.
#### 4. The Housing
* **Epoxy Encapsulated:** The electronics are housed in a rugged, moisture-resistant plastic package, protecting the sensitive SMT (Surface Mount Technology) components from vibration and environmental factors.
---
### Pinout Configuration (Key Pins)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +5V Supply | Main power input for the module. |
| 3 | (-) Input Lo | Low side of the signal being measured. |
| 11 | (+) Input Hi | High side of the signal being measured. |
| 12 | Supply Common | Ground return for the 5V power supply. |
| 4, 5, 6 | Decimal Points | Used to manually activate the DP1, DP2, or DP3 positions. |
---
### Application Notes
* **Common Mode Voltage:** Ensure the input signals do not exceed the power supply rails (0V to +5V) relative to the supply common, unless using a differential setup.
* **Decimal Point Selection:** Decimal points are not automatic; they are set by grounding the specific DP pin corresponding to the desired scale.
- ⤷
How do I wire this module to measure a 0-20V range instead of 2V?
- ⤷ What is the difference between the 'R' and 'RL' versions of this module?
- ⤷ Can this module be powered by a 9V battery directly?